Electronic Components Datasheet Search |
|
ISL6551AB-T Datasheet(PDF) 3 Page - Intersil Corporation |
|
ISL6551AB-T Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 26 page 3 FN9066.4 July 8, 2005 9 6 R_LEB Program the leading edge blanking from 50ns to 300ns. 10 7 CS_COMP Set a low current sharing loop bandwidth with a capacitor. 11 8 CSS Program the rise time and the clamping voltage with a capacitor and a resistor, respectively. 12 9 EANI Non-inverting input of Error Amp. It is clamped by the voltage at the CSS pin (Vclamp). 13 10 EAI Inverting input of Error Amp. It receives the feedback voltage. 14 11 EAO Output of Error Amp. It is clamped by the voltage at the CSS pin (Vclamp). 15 12 SHARE This pin is the SHARE BUS connecting with other unit(s) for current share operation. 16 13 LATSD The IC is latched off with a voltage greater than 3V at this pin and is reset by recycling VDD. 17 14 DCOK Power Good indication with a ±5% window. 18 15 ON/OFF This is an Enable pin that controls the states of all drive signals and the soft-start. 19, 20 16, 17 SYNC2, SYNC1 These are the gate control signals for the output synchronous rectifiers. 21, 22 18, 19 LOWER2, LOWER1 Both lower drivers are PWM-controlled on the trailing edge. 23, 24 20, 21 UPPER2, UPPER1 Both upper drivers are driven at a fixed 50% duty cycle. 25 22 PGND Power Ground. High current return paths for both the upper and the lower drivers. 26, 27 23, 24 VDDP2, VDDP1 Power is delivered to both the upper and the lower drivers through these pins. 28 25 VDD Power is delivered to all control circuits including SYNC1 & SYNC2 via this pin. Functional Pin Description (Continued) PACKAGE PIN # PIN SYMBOL FUNCTION SOIC QFN ISL6551 |
Similar Part No. - ISL6551AB-T |
|
Similar Description - ISL6551AB-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |