Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6558 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6558
Description  Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6558 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6558 Datasheet HTML 5Page - Intersil Corporation ISL6558 Datasheet HTML 6Page - Intersil Corporation ISL6558 Datasheet HTML 7Page - Intersil Corporation ISL6558 Datasheet HTML 8Page - Intersil Corporation ISL6558 Datasheet HTML 9Page - Intersil Corporation ISL6558 Datasheet HTML 10Page - Intersil Corporation ISL6558 Datasheet HTML 11Page - Intersil Corporation ISL6558 Datasheet HTML 12Page - Intersil Corporation ISL6558 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN9027.12
June 21, 2005
voltage feedback seen at the FB pin, effectively creating the
output voltage droop desired as a function of load current.
SELECTING RFB AND ROS
If output droop compensation is not required the DROOP pin
must be left open. Simply select a value for RFB and
calculate ROS based on the following equation:
In applications where droop compensation is desired, tie the
DROOP and FB pins together. Select RFB first given the
following equation, where VDROOP is the desired amount of
output voltage droop at full load. This equation is contingent
upon the correct selection of the ISEN resistors discussed in
the Fault Protection section.
Calculate ROS based on RFB using the following equation.
Where VOUT,NL is the desired output voltage under no-load
conditions.
Initialization
Many functions are initiated by a rising supply voltage
applied to the VCC pin of the ISL6558. Until the supply
voltage reaches the Power-On Reset (POR) VCC rising
threshold, the PWM drive signals are held in three-state.
This results in no gate drive generation by the HIP660x gate
drivers to the output MOSFETs. Once the supply voltage
exceeds the POR rising threshold, the soft-start interval is
initiated. If the supply voltage drops below the POR falling
threshold, POR shutdown is triggered and the PWM outputs
are again driven to three-state.
The FS/EN pin can also be used to initialize the converter.
Holding this pin to ground overrides the onset of soft-start.
Once this pin is released, soft-start is initialized and the
converter output will begin to ramp. If FS/EN is grounded
during operation, a POR shutdown is triggered and the PWM
outputs are three-stated. Toggling this pin after an overvoltage
event will not reset the controller; VCC must be cycled.
Sequencing of the input supplies is recommended. An
overcurrent spike due to supply voltage sequencing could
occur if the controller becomes active before the drivers. If
the POR rising threshold of the controller is met before that
of the drivers, then a soft-start interval is started and could
be completed before the drivers are active. Once the drivers
become active the controller will be demanding maximum
duty cycle due to the lack of output voltage and could cause
an overcurrent trip. A soft-start interval would be initiated
shortly after this event and normal PWM operation would
result. The supply voltages should be sequenced such that
the controller and gate drivers are initialized simultaneously
or the drivers become active just before the controller. Most
ATX supplies control the rise times of the individual voltage
outputs and insure proper sequencing.
Soft-Start Interval
Before a soft-start cycle is initiated, the controller holds the
active channel PWM drive signals in three-state as long as
the FS/EN pin is held at ground or the voltage applied to
VCC remains below the POR rising threshold.
Once VCC rises above the POR rising threshold and the
FS/EN pin is released from ground, a soft-start interval is
initiated. PWM operation begins and the resulting slow
ramp-up of output voltage avoids hitting an overcurrent trip
by slowly charging the discharged output capacitors. The
soft-start interval ends when the PGOOD signal transitions
to indicate the output voltage is within specification.
The soft-start interval is digitally controlled by the selection
of switching frequency. The maximum soft-start interval,
SSInterval, can be estimated for a given application:
where FSW is the channel switching frequency.
The converter used to create the waveforms in Figure 3 has
a switching frequency of 125kHz. The soft-start interval
calculated for this converter is just over 16ms. From the
waveforms, the actual soft-start interval is just under 16ms.
PWM Drive Signals
The ISL6558 provides PWM channel drive signals for control
of 2-, 3-, or 4-phase converters. The PWM signals drive the
associated HIP660x gate drivers for each power channel.
The number of active channels is determined by the status
of PWM3 and PWM4. If PWM3 is tied to VCC, then the
controller will interpret this as two channel operation and
only PWM1 and PWM2 will be active. Since PWM4 is not
active under these conditions, simply tie it to VCC or leave it
open. If only PWM4 is tied to VCC, then the remaining three
channels are all considered active by the controller.
R
OS
R
FBx
0.8V
V
OUT
0.8V
----------------------------------
=
(EQ. 1)
R
FB
V
DROOP
50
µA
-------------------------20
3
×10 xV
DROOP
==
(EQ. 2)
R
OS
R
FB x
0.8V
V
OUT NL
,
0.8V
--------------------------------------------
=
(EQ. 3)
SS
Interval
2048
F
SW
-------------
=
(EQ. 4)
0V
VCC, 2V/DIV
VOUT, 0.5V/DIV
0V
PGOOD, 2V/DIV
0V
0V
FB, 0.5V/DIV
2ms/DIV
POR RISING THRESHOLD
FIGURE 3. SOFT-START WAVEFORMS
ISL6558


Similar Part No. - ISL6558

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558 RENESAS-ISL6558 Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558CBZA RENESAS-ISL6558CBZA Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558CBZA-T RENESAS-ISL6558CBZA-T Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558CRZ RENESAS-ISL6558CRZ Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558CRZ-T RENESAS-ISL6558CRZ-T Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
More results

Similar Description - ISL6558

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558 RENESAS-ISL6558 Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Semtech Corporation
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com