Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6554CBZA-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6554CBZA-T
Description  Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM Control Without Programmable Droop
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6554CBZA-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6554CBZA-T Datasheet HTML 2Page - Intersil Corporation ISL6554CBZA-T Datasheet HTML 3Page - Intersil Corporation ISL6554CBZA-T Datasheet HTML 4Page - Intersil Corporation ISL6554CBZA-T Datasheet HTML 5Page - Intersil Corporation ISL6554CBZA-T Datasheet HTML 6Page - Intersil Corporation ISL6554CBZA-T Datasheet HTML 7Page - Intersil Corporation ISL6554CBZA-T Datasheet HTML 8Page - Intersil Corporation ISL6554CBZA-T Datasheet HTML 9Page - Intersil Corporation ISL6554CBZA-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN9003.3
February 11, 2005
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V
Input, Output, or I/O Voltage . . . . . . . . . . GND -0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5KV
Recommended Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
±5%
Ambient Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 125°C
Thermal Information
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
65
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Operating Conditions: VCC = 5V, TA = 0°C to 70°C, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNITS
INPUT SUPPLY POWER
Input Supply Current
RT = 100kΩ
-10
15
mA
POWER-ON RESET (POR)
VCC Rising Threshold
4.25
4.38
4.5
V
VCC Falling Threshold
3.75
3.88
4.00
V
REFERENCE AND DAC
Reference Voltage Accuracy
-1
-
1
%
DAC Pin Input Low Voltage Threshold
--
0.8
V
DAC Pin Input High Voltage Threshold
2.0
-
-
V
VID Pull-Up
VIDx = 0V or VIDx = 3V
10
20
40
µA
OSCILLATOR
Frequency, FSW
RT = 100kΩ, ±1%
224
280
336
kHz
Adjustment Range (GBD) (Note 2)
(See Figure 10)
0.05
-
1.5
MHz
ERROR AMPLIFIER
DC Gain (GBD) (Note 2)
RL = 10K to GND
-
72
-
dB
Gain-Bandwidth Product (GBD) (Note 2)
CL = 100pF, RL = 10K to GND
-
18
-
MHz
Slew Rate
CL = 100pF, RL = 10K to GND
-
5.3
-
V/
µs
Maximum Output Voltage
RL = 10K to GND
3.6
4.1
-
V
Minimum Output Voltage
RL = 10K to GND
-
0.16
0.5
V
ISEN
Full Scale Input Current (GBD) (Note 2)
-50-
µA
Overcurrent Trip Level
-
82.5
-
µA
POWER GOOD
Upper Threshold
VSEN Rising
0.95
0.97
0.99
VDAC
Lower Threshold
VSEN Falling
0.89
0.91
0.93
VDAC
PGOOD Low Output Voltage
IPGOOD = 4mA
-
0.18
0.4
V
PROTECTION
Overvoltage Threshold
VSEN Rising
1.12
1.15
1.2
VDAC
Percent Overvoltage Hysteresis (GNT) (Note 3) VSEN Falling after Overvoltage
-
2
-
%
NOTES:
2. GBD = Guaranteed by design.
3. GNT = Guaranteed not tested.
ISL6554


Similar Part No. - ISL6554CBZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6554CBZA-T RENESAS-ISL6554CBZA-T Datasheet
768Kb / 16P
   Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM ControlWithout Programmable Droop
More results

Similar Description - ISL6554CBZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6554 RENESAS-ISL6554 Datasheet
768Kb / 16P
   Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM ControlWithout Programmable Droop
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com