Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6560 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6560
Description  Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6560 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6560 Datasheet HTML 6Page - Intersil Corporation ISL6560 Datasheet HTML 7Page - Intersil Corporation ISL6560 Datasheet HTML 8Page - Intersil Corporation ISL6560 Datasheet HTML 9Page - Intersil Corporation ISL6560 Datasheet HTML 10Page - Intersil Corporation ISL6560 Datasheet HTML 11Page - Intersil Corporation ISL6560 Datasheet HTML 12Page - Intersil Corporation ISL6560 Datasheet HTML 13Page - Intersil Corporation ISL6560 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN9011.3
To calculate the dissipation in the 5m
Ω resistor, we used
only half of the ripple current, 4A, to give a nominal
dissipation of:
Where IP is the peak current and D is the duty cycle. Two
10m
Ω, 1W resistors in parallel were selected.
RL Selection
As discussed in the section under Droop Voltage and shown
in Figure 1, resistor RL establishes the gain of the
transconductance error amplifier. It is this resistor that sets
the droop voltage or regulation. Like any feedback system,
the higher the gain the better the regulation. The value of this
resistor may be determined from the following equation:
The ni term is the ratio of the VCOMP to the current
comparator threshold voltage; see Figure 2. RL is made up
of two resistors that form a voltage divider from the internal
3V reference supply.
As described earlier in the Circuit Description section, the
output voltage of the gm amplifier establishes the threshold
voltage of the current comparator. At approximately 1V, the
current comparator threshold voltage is near zero. With no
current demands, the regulator output voltage would be the
same as the programmed DAC voltage. However, an 8A
ripple current was selected for this design. This results in the
output of the gm amplifier moving upwards to supply the
ripple current. The voltage at the COMP pin, VSET, will be:
The voltage divider establishes the reference voltage for
VCOMP that was set to 1.2V for this design, so the error
amplifier must drive the COMP pin 50mV more positive to
bring it to 1.25V from the 1.2V originally set. This additional
50mV output will result in an input voltage to the error
amplifier of: 50mv / 19.1 = 2.62mV below the programmed
DAC voltage of 1.8V. Neglected, is a negative term
associated with the 60ns delay of the current comparator.
This delay will cause the current ramp to be slightly greater
than predicted by the equation. This means that the initial
setting should be slightly reduced to account for the increase
in current.
Once the value for RL is set, only the values of the resistors
that make up the voltage divider must be determined. Figure
8 shows the equations to determine the resistor network that
makes up RL.
CC and RC Selection
Optimum transient response depends upon the selection of
the compensation capacitor network placed across the
output of the transconductance error amplifier.
To a first order, the selection of the capacitor, CC, placed
across the error amplifier may be determined by making the
product of the regulator output resistance and output
capacitors equal to the product of the RL and CC. This yields
the equation for the compensation capacitor:
A 1nF capacitor was selected from transient testing. To
prevent excessive phase shift due to the compensation
capacitor, it is usually necessary to place a resistor inseries
with the capacitor to prevent excessive phase shift beyond
the frequency of interest. This is pole cancellation and the
resistor is approximately 0.5 x RL. Figure 9 shows this
network and the equivalent circuit is approximately 0.5 x RL.
Many variables have been used in the selection of the
various gain and filter networks to this point. A broad range
of component tolerances range from ±1% to ±20% have
been used in the design. Therefore, it is important to
evaluate the entire system with dynamic pulse load testing.
This will verify optimum transient response and also indicate
poor response in terms of excessive overshoot, ringing or
oscillation if the compensation network is not optimum.
I
RMS
Ip D
Ip
1.8V
12V
------------
==
Power
0.69W per channel or 1.38W for both channels
=
Power
Ip
2
DR
SENSE
3
=
×
×
=
0.4
2
0.15
·
5m
×
×
R
L
ni
R
SENSE
×
gm
R
OUT
2
×
×
-----------------------------------------
12.5
5m
×
2.2mS
1.63m
Ω 2
×
×
--------------------------------------------------------
8.7k
==
=
gmAmplifierGain
gm
RL
×
2.2mS
8.7k
19.1
=
×
=
=
∴ gm Amplifier Gain =
1V
8A
5m
Ω 12.5
×
×
2
---------------------------------------------
+
=
1V
250mV
+
1.25V
==
V
SET
1V
I
RIPPLE
R
SENSE
ni
×
×
2
----------------------------------------------------------------
+
=
RU
RB
VREF = 3V
To COMP pin,
this voltage is VSET
R
U
R
B
||
R
L
=
R
U
V
REF
V
SET
---------------
=
R
L
×
R
B
V
SET
V
REF
V
SET
------------------------------------
=
R
U
×
V
SET
1V
I
RIPPLE
R
SENSE
ni
×
×
2
----------------------------------------------------------------
+
=
R
U
3V
1.25V
----------------
=
8.7k
×
20.9k
=
R
B
1.25V
3V
1.25V
-----------------------------
=
20.9k
×
14.9k
=
FIGURE 8. EQUATIONS TO DETERMINE RL DIVIDER
C
C
R
OUT
C
OUT
×
R
L
---------------------------------------
1.63m
Ω 9mF
×
8.7k
-----------------------------------------
1.68nF
==
=
RU
RB
VREF = 3V
CC
RC
RC = 0.5 x RL
RL
CC
RC
AC Equivalent
To COMP pin
FIGURE 9. COMPENSATION CIRCUIT
ISL6560


Similar Part No. - ISL6560

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6560/62EVAL1 RENESAS-ISL6560/62EVAL1 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6560/62EVAL1 RENESAS-ISL6560/62EVAL1 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL656062EVAL1 INTERSIL-ISL656062EVAL1 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6560CB RENESAS-ISL6560CB Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
More results

Similar Description - ISL6560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6562 INTERSIL-ISL6562 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6562 RENESAS-ISL6562 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com