Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6560 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6560
Description  Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6560 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6560 Datasheet HTML 1Page - Intersil Corporation ISL6560 Datasheet HTML 2Page - Intersil Corporation ISL6560 Datasheet HTML 3Page - Intersil Corporation ISL6560 Datasheet HTML 4Page - Intersil Corporation ISL6560 Datasheet HTML 5Page - Intersil Corporation ISL6560 Datasheet HTML 6Page - Intersil Corporation ISL6560 Datasheet HTML 7Page - Intersil Corporation ISL6560 Datasheet HTML 8Page - Intersil Corporation ISL6560 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN9011.3
Block Diagram
Simplified Power System Diagram
Functional Pin Description
VID4 (Pin 1), VID3 (Pin 2), VID2 (Pin 3), VID1 (Pin 4)
and VID0 (Pin 5)
Voltage Identification inputs from microprocessor. These pins
respond to TTL and 3.3V logic signals. The ISL6560 decodes
VID bits to establish the output voltage. See Table 1.
COMP (Pin 6)
Output of the internal transconductance error amplifier.
Voltage at this pin sets the output current level of the current
sense comparator. Pulling this pin to ground disables the
oscillator and drives both PWM outputs low.
FB (Pin 7)
Inverting input of the internal transconductance error
amplifier.
CT (Pin 8)
A capacitor on this pin sets the frequency of the internal
oscillator.
GND (Pin 9)
All signals are referenced to this bias and reference ground pin.
PWRGD (Pin 10)
This pin is an internal open drain connection. A high voltage
level at this pin with a resistor connected to this pin and VCC
indicates that CORE voltage is at the proper level,
CS+ (Pin 11) and CS- (Pin 14)
These inputs monitor the supply current to the upper
MOSFETs. CS+ is connected directly to the decoupled
supply voltage and current sensing resistor. CS- is
connected to the other end of the current sensing resistor
and the upper MOSFET drains.
PWM2 (Pin 12) and PWM1 (Pin 13)
PWM outputs that are connected to the gate driver ICs.
REF (Pin 15)
Three volt supply used to bias the output of the
transconductance amplifier.
VCC (Pin 16)
Connect this bias supply pin to a 12V supply.
D/A
UV
OVP
E/A
CMP
PWM1
PWM2
CS+
CS-
GND
REF
VCC
FB
VID4
VID3
VID2
VID1
VID0
COMP
OSCILLATOR
X1.24
PWRGD
3V REFERENCE
BIAS CIRCUITS
UVLO and
CT
CONTROL
LOGIC
+
-
+
-
+
-
X 0.82
+
-
SYNCHRONOUS
ISL6560
MICROPROCESSOR
FB
VID
RECTIFIED BUCK
CHANNEL
SYNCHRONOUS
RECTIFIED BUCK
CHANNEL
PWM 1
PWM 2
VID4
VID3
VID2
VID1
VID0
CT
PWRGD
REF
PWM1
PWM2
VCC
FB
CS-
COMP
CS+
GND
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
ISL6560


Similar Part No. - ISL6560

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6560/62EVAL1 RENESAS-ISL6560/62EVAL1 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6560/62EVAL1 RENESAS-ISL6560/62EVAL1 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL656062EVAL1 INTERSIL-ISL656062EVAL1 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6560CB RENESAS-ISL6560CB Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
More results

Similar Description - ISL6560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6562 INTERSIL-ISL6562 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6562 RENESAS-ISL6562 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com