Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6559CR-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6559CR-T
Description  Multi-Phase PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6559CR-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6559CR-T Datasheet HTML 1Page - Intersil Corporation ISL6559CR-T Datasheet HTML 2Page - Intersil Corporation ISL6559CR-T Datasheet HTML 3Page - Intersil Corporation ISL6559CR-T Datasheet HTML 4Page - Intersil Corporation ISL6559CR-T Datasheet HTML 5Page - Intersil Corporation ISL6559CR-T Datasheet HTML 6Page - Intersil Corporation ISL6559CR-T Datasheet HTML 7Page - Intersil Corporation ISL6559CR-T Datasheet HTML 8Page - Intersil Corporation ISL6559CR-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN9084.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved.
Dynamic VID is a trademark of Intersil Americas Inc. All other trademarks mentioned are the property of their respective owners.
ISL6559
Multi-Phase PWM Controller
The ISL6559 provides core-voltage regulation by driving 2 to
4 interleaved synchronous-rectified buck-converter channels
in parallel. Interleaving the channel timing results in
increased ripple frequency which reduces input and output
ripple currents. The reduction in ripple results in lower
component cost, reduced dissipation, and a smaller
implementation area.
The ISL6559 uses cost and space-saving rDS(ON) sensing
for channel current balance, active voltage positioning, and
over-current protection. Output voltage is monitored by an
internal differential remote sense amplifier. A high-bandwidth
error amplifier drives the output voltage to match the
programmed 5-bit DAC reference voltage. The resulting
compensation signal guides the creation of pulse width
modulated (PWM) signals to control companion Intersil
MOSFET drivers. The OFS pin allows direct offset of the
DAC voltage from 0V to 50mV using a single external
resistor. The entire system is trimmed to ensure a system
accuracy of ±
1% over temperature.
Outstanding features of this controller IC include
Dynamic VIDTM technology allowing seamless on-the-fly VID
changing without the need of any external components.
Output voltage “droop” or active voltage positioning is
optional. When employed, it allows the reduction in size and
cost of the output capacitors required to support load
transients. A threshold-sensitive enable input allows the use
of an external resistor divider for start-up coordination with
Intersil MOSFET drivers or any other devices powered from
a separate supply.
Superior over-voltage protection is achieved by gating on the
lower MOSFET of all phases to crowbar the output voltage.
An optional second crowbar on VIN, formed with an external
MOSFET or SCR gated by the OVP pin, is triggered when
an over-voltage condition is detected. Under-voltage
conditions are detected, but PWM operation is not disrupted.
Over-current conditions cause a hiccup-mode response as
the controller repeatedly tries to restart. After a set number
of failed startup attempts, the controller latches off. A power
good logic signal indicates when the converter output is
between the UV and OV thresholds.
Features
• Multi-Phase Power Conversion
- 2, 3 or 4 Phase Operation
• Active Channel Current Balancing
• Precision rDS(ON) Current Sharing
- Lossless
-Low Cost
• Input Voltage: 12V or 5V Bias
• Precision CORE Voltage Regulation
1% System Accuracy Over Temperature
- Differential Remote Output Voltage Sensing
- Programmable Reference Offset
• Microprocessor Voltage Identification Input
- 5-Bit VID Input
- 0.800V to 1.550V in 25mV Steps
- Dynamic VID Technology
• Programmable Droop Voltage
• Fast Transient Recovery Time
• Over Current Protection
• Digital Soft Start
• Threshold Sensitive Enable Input
• High Ripple Frequency (160kHz to 4MHz)
• QFN Package:
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Package Outline
- Near Chip Scale Package footprint, which improves PCB
efficiency and has a thinner profile
Pb-Free Available (RoHS Compliant)
Applications
• AMD Hammer Family Processor Voltage Regulator
• Low Output Voltage, High Current DC-DC Converters
• Voltage Regulator Modules
Pinouts
ISL6559CR (32 LEAD QFN)
ISL6559CB (28 LEAD SOIC)
GND
OVP
VID4
VID3
FB
IOUT
VDIFF
VSEN
RGND
EN
ISEN4
PWM4
PGOOD
ISEN3
GND
PWM3
VCC
GND
FS/DIS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OFS
VID2
COMP
PWM1
ISEN2
VID1
VID0
ISEN1
PWM2
VID2
VID1
VID0
NC
OFS
COMP
FB
NC
ISEN4
ISEN1
PWM1
PWM2
GND
ISEN2
ISEN3
1
2
3
4
5
6
7
8
32 31 30 29 28 27 26 25
910 11 12 13 14 15 16
NC = NO CONNECT
24
23
22
21
20
19
18
17
PWM4
TOP VIEW
TOP VIEW
Data Sheet
December 29, 2004


Similar Part No. - ISL6559CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6559CR-T RENESAS-ISL6559CR-T Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6559CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com