Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6560CBZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6560CBZ-T
Description  Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6560CBZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6560CBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6560CBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6560CBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6560CBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6560CBZ-T Datasheet HTML 9Page - Intersil Corporation ISL6560CBZ-T Datasheet HTML 10Page - Intersil Corporation ISL6560CBZ-T Datasheet HTML 11Page - Intersil Corporation ISL6560CBZ-T Datasheet HTML 12Page - Intersil Corporation ISL6560CBZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN9011.3
These curves help to visualize that in some cases, major
changes in some parameters only result in subtle changes in
other parameters. For example, going from 175kHz to the
200kHz channel frequency.
Output Capacitors
The combined series resistance and inductance of the
output capacitors is one of the limiting factors in the supply’s
response to transient loads. Most DC/DC converters do not
have the bandwidth or operating frequency to respond to
rapid load changes. Therefore, attention must be paid to the
filter network, for it must be the major source of energy
during step load changes. The output capacitors must
respond by supplying the initial load current, until the
regulator loop responds and the inductor current slews.
Bulk capacitors store energy, but are limited by the effective
series resistance and inductance path to their reservoir of
energy. Considering only the series resistance, the total
effective series resistance of the parallel connected
capacitors should be equal to or less than the effective DC
ROUT of the supply. As mentioned earlier ROUT is
approximately 1.63m
Ω. For this example, six 1500µF, 4V
Sanyo OS-CON capacitors provide a maximum ESR of
1.66m
Ω, roughly meeting the design target.
To a first order, output ripple voltage is the product of the
capacitor’s ESR and the ripple current. In this design it is
1.66m
Ω x 8A = 13.3mV.
Sixteen 22
µF ceramic capacitors help provide high-
frequency bypassing by providing lower inductance and low
high-frequency impedance. It is essential that additional
ceramic capacitors also be place at the load to help stabilize
the load voltage and minimize additional droop at the load.
Input Capacitors
The input capacitors are also critical to supply operation.
They must provide enough energy to prevent the input
voltage from dropping due to load transients. In addition, the
high peak currents can cause heating of these capacitors
and can result in premature failure if not properly designed.
The value of the RMS current that these capacitors must
share can be approximated with the aid of the curve of
Figure 7. The dotted lines show determination of the current
multiplier.
For the 40A design with the 1.8V/12V = 0.15 duty cycle, the
RMS current is 0.24 x 40A = 9.6A. From this curve, it is
evident that the maximum current is only 10A. If the duty
cycle was 50%, each channel would be ON for its full cycle
and the ripple would go to zero.
Rubycon ZA series capacitors were selected for the input
capacitors. Their 470
µF, 16V capacitors have a maximum
RMS current rating of 1.6A at 105oC ambient. For 9.6A, six
capacitors are required.
On any switching supply, high frequency decoupling may be
necessary on the supply input to keep the high peak current,
fast rise current pulses contained within the supply. Often a
small inductor is placed in series with the input line to help
reduce this potential source of EMI. Ceramic capacitors to
ground also help lower the high frequency impedance to
shunt the high frequency components to reduce and contain
the high speed current pulses.
RSENSE Selection
Each channel supplies a current of 20A. Add the 4A ripple
(half of the ripple current) component and the minimum
voltage across the current sense resistor that will trip the
comparator is the minimum limit of 142mV. The RSENSE
resistor value is then 142mV / 28A = 5.07m
Ω. A 5mΩ
resistor was used for this function to insure the minimum
current.
The maximum current is also important. The maximum
threshold voltage for the current comparator is 172mV. The
maximum current would be: 172mV / 5m
Ω = 34.4A per
channel. The 4A of ripple current per channel must be
subtracted to yield 30.4A per channel. The maximum output
current would be two times the channel current, or 60.8A.
3
1
0.01
0.1
100nH
1
µH10µH
Inductance
10
0k
Hz
20
0k
Hz
50
0k
Hz
1M
Hz
2M
Hz
Frequency = Channel fsw
FIGURE 6. INDUCTOR SELECTION CURVES
0.3
0.2
0.1
0
0
0.1
0.2
0.3
0.4
0.5
DUTY CYCLE (VO/VIN)
FIGURE 7. CURRENT MULTIPLIER vs. DUTY CYCLE
ISL6560


Similar Part No. - ISL6560CBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6560CBZ-T RENESAS-ISL6560CBZ-T Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
More results

Similar Description - ISL6560CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6562 INTERSIL-ISL6562 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6562 RENESAS-ISL6562 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com