Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4005A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1N4005A
Description  Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N4005A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1N4005A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1N4005A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Rectifier Diodes
1N4001A ~ 1N4007A
Features
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
Plastic material used carries Underwriters
Laboratory Classification 94V-0
1
2
4.597
3.988
5.668
4.925
2.896
2.489
2.126
1.397
4.32
4.12
2.75
2.55
5.87
5.67
2.02
2.22
1.524
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AC(SMA)
Unit: mm
1.981
2.438
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
1N
4001A
1N
4002A
1N
4003A
1N
4004A
1N
4005A
1N
4006A
1N
4007A
Unit
Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
RMS Voltage
VRMS
35
70
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Forward Voltage @ 1A
VF
Averaged Forward Current.TT=100℃
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
30
Maximum DC Reverse Current Ta=25℃
Ta=125℃
Maximum Reverse Current
*1
trr
us
Typical Junction Capacitance *2
Cj
pF
Thermal Resistance Junction to Ambient
RθJA
Thermal Resistance Junction to Lead *3
RθJL
Junction Temperature
Tj
Storage Temperature
Tstg
1.5
/W
75
27
85
30
V
1.1
1
40
IR
150
-55 to 150
A
5
50
12
μA
* 1 Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
* 2 Measured at 1 MHz and Applied VR=4.0 V
Marking
NO.
1N4001A 1N4002A 1N4003A 1N4004A 1N4005A 1N4006A 1N4007A
Marking
M1
M2
M3
M4
M5
M6
M7


Similar Part No. - 1N4005A

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1N4005A DAESAN-1N4005A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Dc Components
1N4005A DCCOM-1N4005A Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS SILICON RECTIFIER VOLTAGE RANGE - 50 to 100 Volts CURRENT - 1.0 Ampere
More results

Similar Description - 1N4005A

ManufacturerPart #DatasheetDescription
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
   Rectifier diodes
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
   RECTIFIER DIODES
November 1975
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
   Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
   Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
   Rectifier Diodes
logo
Sanken electric
RM11B SANKEN-RM11B Datasheet
68Kb / 2P
   Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
   Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
   Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
   Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
   Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com