Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6558IR-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6558IR-T
Description  Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6558IR-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6558IR-T Datasheet HTML 7Page - Intersil Corporation ISL6558IR-T Datasheet HTML 8Page - Intersil Corporation ISL6558IR-T Datasheet HTML 9Page - Intersil Corporation ISL6558IR-T Datasheet HTML 10Page - Intersil Corporation ISL6558IR-T Datasheet HTML 11Page - Intersil Corporation ISL6558IR-T Datasheet HTML 12Page - Intersil Corporation ISL6558IR-T Datasheet HTML 13Page - Intersil Corporation ISL6558IR-T Datasheet HTML 14Page - Intersil Corporation ISL6558IR-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN9027.12
June 21, 2005
See Figure 6. ITOTAL is compared with an internally
generated overcurrent trip current, ITRIP. The overcurrent
trip current source is trimmed to 82.5
µA. If ITOTAL exceeds
the ITRIP level, then the controller forces all PWM outputs
into three-state. This condition results in the HIP660x gate
drivers removing drive to the MOSFETs. The VSEN voltage
will begin to fall and once it descends below the PGOOD falling
threshold, the PGOOD signal transitions low.
A delay time, equal to the soft-start interval, is entered to
allow the disturbance to clear. After the delay time, the
controller then initiates a second soft-start interval. If the
output voltage comes up and regulation is achieved,
PGOOD transitions high. If the OC trip current is exceeded
during the soft start interval, the controller will again shut
down PWM operation and three-state the drivers. The
PGOOD signal will remain low and the soft-start interval will
be allowed to expire. Another soft-start interval will be
initiated after the delay interval. If an overcurrent trip occurs
again, this same cycle repeats until the fault is removed. The
OC function is shown in Figure 7 for a hard short of the
output which is applied for only a brief moment. The
converter quickly detects the short and attempts to restart
twice before the short is removed.
Overcurrent protection reduces the regulator RMS output
current under worst case conditions to 95% of the full load
current.
SELECTING RISEN
The procedure for determining the value of RISEN is to
insure that it scales a channel’s maximum output current to
50
µA. This will insure that the overcurrent trip point is
properly detected when a current limit of 165% of the
converter’s full load current is breached. The ISEN resistor
can be calculated as follows:
where IFL is the maximum output current demanded by the
load device and ‘n’ is the number of active channels.
OC TRIP LEVEL ADJUSTMENT
Setting the full load reference current, ITOTAL, to 50µA is
recommended for most applications. The ratio between the
desired full load reference current and the internally set
overcurrent trip current is the overcurrent trip ratio, KOC. For
those applications where an OC trip level of 1.65 times
ITOTAL is insufficient, the full load reference current can be
scaled differently. Care must be taken in selection of certain
components once the desired OC trip ratio is determined.
The new overcurrent trip ratio is then used to calculate the
ISEN resistors for the new full load reference current.
One commonly over looked component which will change
due to the new overcurrent trip ratio is the feedback resistor,
RFB.
Temperature effects of the MOSFET rDS(ON) must be
reviewed when changing the overcurrent trip level.
Output Voltage Monitoring
The output voltage must be tied to the VSEN pin to provide
feedback used to create a window of operation. If the output
voltage is not the reference voltage of 0.8V, it must be
scaled externally down to this level. The VSEN voltage is
then compared with two set voltage levels which indicate an
overvoltage or undervoltage condition of the output.
Violating either of these conditions results in the PGOOD pin
output toggling low to indicate a problem with the output
voltage.
OVERVOLTAGE
The VSEN voltage is compared with an internal overvoltage
protection (OVP) reference set to 115% of the internal
reference. If the VSEN voltage exceeds the OVP reference,
the comparator simultaneously sets the OV latch and
triggers the PWM output low. The drivers turn on the lower
MOSFETs, shunting the converter output to ground. Once
the output voltage falls below the nominal output voltage, the
PWM outputs are placed in three-state. This prevents
dumping of the output capacitors back through the lower
MOSFETs. If the overvoltage conditions persist, the PWM
outputs are cycled between the two states similar to a
hysteretic regulator. The OV latch can only be reset by
cycling the VCC supply voltage to initiate a POR and begin a
soft-start interval.
UNDERVOLTAGE
The VSEN voltage is also compared to a undervoltage (UV)
reference which is set to 90% of the internal reference. If the
VSEN voltage is below the UV reference, the power good
monitor triggers PGOOD to go low. The UV comparator does
not influence converter operation.
VSEN SCALING
The output voltage, VOUT, must be fed back to the VSEN pin
separately from the feedback components to the FB pin. If
VSEN and FB are tied together, the error amplifier will hold
the VSEN voltage at the reference level while the actual
output voltage level could be much different. This would
mask the output voltage and prevent the protection features
R
ISEN
I
FL
n
---------x
r
DS ON
()
50
µA
-------------------------
=
(EQ. 6)
K
OC
82.5
µA
I
TOTAL
-----------------------
=
(EQ. 7)
R
ISEN
I
FL
n
---------x
r
DS ON
()xKOC
82.5
µA
-------------------------------------------
=
(EQ. 8)
R
FB
V
DROOP
xK
OC
82.5
µA
---------------------------------------------
=
(EQ. 9)
ISL6558


Similar Part No. - ISL6558IR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558IRZ RENESAS-ISL6558IRZ Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558IRZ-T RENESAS-ISL6558IRZ-T Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558IRZA RENESAS-ISL6558IRZA Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558IRZA-T RENESAS-ISL6558IRZA-T Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
More results

Similar Description - ISL6558IR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558 RENESAS-ISL6558 Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Semtech Corporation
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com