Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54HT1 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT54HT1
Description  Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT54HT1 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT54HT1_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT54HT1_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Schottky Diodes
BAT54HT1 (KAT54HT1)
Typical Characterisitics
Notes: 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820 Ω
0.1 µF
DUT
VR
100 µH
0.1µF
50 Ω Output
Pulse
Generator
50 Ω Input
Sampling
Oscilloscope
t
r
tp
t
10%
90%
IF
I R
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
100
0.0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
5
10
15
20
25
14
0
VR, REVERSE VOLTAGE (VOLTS)
12
4
2
0
0
3
5
1
0
1
5
t
n
e
r
r
u
C
e
g
a
k
a
e
L
.
3
e
r
u
g
i
F
e
g
a
tl
o
V
d
r
a
w
r
o
F
.
2
e
r
u
g
i
F
Figure 4. Total Capacitance
−40°C
25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 25°C
0.6
−55°C
150°C
125°C
100
1000
30
25
20
6
8
10


Similar Part No. - BAT54HT1_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
46Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 3
logo
Fairchild Semiconductor
BAT54HT1G FAIRCHILD-BAT54HT1G Datasheet
106Kb / 4P
   Small Signal Diode
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
119Kb / 4P
   Schottky Barrier Diodes
November, 2011 ??Rev. 6
logo
SUNMATE electronic Co.,...
BAT54HT1G SUNMATE-BAT54HT1G Datasheet
318Kb / 2P
   200mA Surface Mount Schottky Barrier Diode
logo
Fairchild Semiconductor
BAT54HT1G FAIRCHILD-BAT54HT1G Datasheet
167Kb / 5P
   Schottky Barrier Diodes
More results

Similar Description - BAT54HT1_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com