Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6565 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6565
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6565 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6565 Datasheet HTML 1Page - Intersil Corporation ISL6565 Datasheet HTML 2Page - Intersil Corporation ISL6565 Datasheet HTML 3Page - Intersil Corporation ISL6565 Datasheet HTML 4Page - Intersil Corporation ISL6565 Datasheet HTML 5Page - Intersil Corporation ISL6565 Datasheet HTML 6Page - Intersil Corporation ISL6565 Datasheet HTML 7Page - Intersil Corporation ISL6565 Datasheet HTML 8Page - Intersil Corporation ISL6565 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN9135.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2004. All Rights Reserved. Dynamic VID® is a registered trademark of Intersil Americas Inc.
All other trademarks mentioned are the property of their respective owners.
ISL6565A, ISL6565B
Multi-Phase PWM Controller with
Precision rDS(ON) or DCR Current Sensing
for VR10.X Application
The ISL6565A, ISL6565B controls microprocessor core
voltage regulation by driving up to 3 synchronous-rectified
buck channels in parallel. Multi-phase buck converter
architecture uses interleaved timing to multiply channel
ripple frequency and reduce input and output ripple currents.
The difference between the ISL6565A and the ISL6565B is
that the ISL6565A utilizes rDS(ON) current sensing, while the
ISL6565B utilizes DCR current sensing for each phase.
These cost and space saving methods of current sensing
are used for adaptive voltage positioning (droop), channel-
current balancing, and overcurrent protection. To ensure the
accuracy of droop, a programmable internal temperature
compensation function is implemented to compensate the
effect of rDS(ON) and DCR temperature sensitivity.
A unity gain, differential amplifier is provided for remote
voltage sensing. Any potential difference between remote
and local grounds is eliminated using the remote-sense
amplifier. The precision threshold-sensitive enable input is
available to accurately coordinate the start up of the
ISL6565A, ISL6565B with Intersil MOSFET driver ICs.
Dynamic-VID™ technology allows seamless on-the-fly VID
changes. The offset pin allows accurate voltage offset
settings that are independent of VID setting.
Features
• Multi-Phase Power Conversion
- 2 or 3 Phase Operation
• Precision Core Voltage Regulation
- Differential Remote Voltage Sensing
-
±0.5% System Accuracy Over Temperature and Life
- Adjustable Reference-Voltage Offset
• Precision rDS(ON) or DCR Current Sensing
- Integrated Programmable Temperature Compensation
- Accurate Load-Line Programming
- Accurate Channel-Current Balancing
- Low-Cost, Lossless Current Sensing
• Input Voltage: 12V or 5V Bias
• Microprocessor Voltage Identification Input
- Dynamic VID® Technology
- 6-Bit VID Input
- 0.8375V to 1.600V in 12.5mV Steps
• Threshold Enable Function for Precision Sequencing
• Overcurrent Protection
• Overvoltage Protection
• Digital Soft-Start
• Operation Frequency up to 1.5MHz per Phase
• QFN Package
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-free Available
Ordering Information
PART NUMBER
TEMP.
(°C)
PACKAGE
PKG.
DWG. #
ISL6565ACB
0 to 105 28 Ld SOIC
M28.3
ISL6565ACBZ (Note) 0 to 105 28 Ld SOIC (Pb-free)
M28.3
ISL6565ACR
0 to 105 28 Ld 5x5 QFN
L28.5x5
ISL6565ACRZ (Note) 0 to 105 28 Ld 5x5 QFN (Pb-free) L28.5x5
ISL6565ACV
0 to 105 28 Ld TSSOP
M28.173
ISL6565ACVZ (Note) 0 to 105 28 Ld TSSOP (Pb-free)
M28.173
ISL6565BCB
0 to 105 28 Ld SOIC
M28.3
ISL6565BCBZ (Note) 0 to 105 28 Ld SOIC (Pb-free)
M28.3
ISL6565BCR
0 to 105 28 Ld 5x5 QFN
L28.5x5
ISL6565BCRZ (Note) 0 to 105 28 Ld 5x5 QFN (Pb-free) L28.5x5
ISL6565BCV
0 to 105 28 Ld TSSOP
M28.173
ISL6565BCVZ (Note) 0 to 105 28 Ld TSSOP (Pb-free)
M28.173
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
September 2004


Similar Part No. - ISL6565

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6565ACB RENESAS-ISL6565ACB Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6565ACBZ RENESAS-ISL6565ACBZ Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6565ACR RENESAS-ISL6565ACR Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6565ACRZ RENESAS-ISL6565ACRZ Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
More results

Similar Description - ISL6565

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6561 INTERSIL-ISL6561 Datasheet
782Kb / 26P
   Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
logo
Renesas Technology Corp
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316_06 Datasheet
697Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6316 RENESAS-ISL6316 Datasheet
1Mb / 30P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316 Datasheet
838Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com