Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6558CRZA Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6558CRZA
Description  Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6558CRZA Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6558CRZA Datasheet HTML 3Page - Intersil Corporation ISL6558CRZA Datasheet HTML 4Page - Intersil Corporation ISL6558CRZA Datasheet HTML 5Page - Intersil Corporation ISL6558CRZA Datasheet HTML 6Page - Intersil Corporation ISL6558CRZA Datasheet HTML 7Page - Intersil Corporation ISL6558CRZA Datasheet HTML 8Page - Intersil Corporation ISL6558CRZA Datasheet HTML 9Page - Intersil Corporation ISL6558CRZA Datasheet HTML 10Page - Intersil Corporation ISL6558CRZA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN9027.12
June 21, 2005
POWER GOOD MONITOR
Undervoltage Threshold
VSEN Rising
-
0.92
-
VREF
Undervoltage Threshold
VSEN Falling
-
0.90
-
VREF
PGOOD Low Output Voltage
IPGOOD = 4mA
-
0.18
0.4
V
PROTECTION
Overvoltage Threshold
VSEN Rising, ISL6558CB, ISL6558CR, TA = 0°C to 70°C
1.12
1.15
1.2
VREF
VSEN Rising, ISL6558IB, ISL6558IR, TA = -40°C to 85°C
1.085
1.15
1.2
VREF
Percent Overvoltage Hysteresis (GNT)
VSEN Falling after Overvoltage
-
2
-
%
GBD = Guaranteed By Design
GNT = Guranteed Not Tesed
Electrical Specifications
Operating Conditions: VCC = 5V, TA = -40°C to 85°C. Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT
SENSING
+
RISEN1
+
CORRECTION
ERROR
AMPLIFIER
FB
ISEN1
RFB
VOUT
Q3
Q4
L02
PHASE
PWM1
IL2
0.8V
COUT
RLOAD
VIN
HIP6601B
-
Q1
Q2
L01
PHASE
IL1
VIN
HIP6601B
CURRENT
SENSING
CORRECTION
PWM2
-
ITOTAL
+
+
+
-
RISEN2
ISEN2
-
-
CURRENT
AVERAGING
FIGURE 1. SIMPLIFIED BLOCK DIAGRAM OF THE ISL6558 VOLTAGE AND CURRENT CONTROL LOOPS CONFIGURED FOR A TWO
CHANNEL CONVERTER
DROOP
ROS
PWM
CIRCUIT
PWM
CIRCUIT
VERROR1
VERROR2
IDROOP
ISL6558


Similar Part No. - ISL6558CRZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558CRZA RENESAS-ISL6558CRZA Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558CRZA-T RENESAS-ISL6558CRZA-T Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
More results

Similar Description - ISL6558CRZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558 RENESAS-ISL6558 Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Semtech Corporation
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com