Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6801 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6801
Description  High Voltage Bootstrap High Side Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6801 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6801 Datasheet HTML 1Page - Intersil Corporation ISL6801 Datasheet HTML 2Page - Intersil Corporation ISL6801 Datasheet HTML 3Page - Intersil Corporation ISL6801 Datasheet HTML 4Page - Intersil Corporation ISL6801 Datasheet HTML 5Page - Intersil Corporation ISL6801 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Typical Application Block Diagram
Functional Block Diagram
VCC
IN
RES
VB
HOH
HOL
VS
ISL6801
BOOTSTRAP SUPPLY
LEVEL
SHIFTER
CONTROLLER
RECHARGE
PATH
LOAD
+150VDC MAX
VCC
IN
RES
GND
VB
HOH
HOL
VS
UV
DETECT
&
&
DELAY
ON
OFF
OUTPUT
LEVEL
SHIFTER
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1VCC
Driver Supply, Typical 5.0V
2
IN
Driver Control Signal Input
3
GND
Ground
4
RES
Driver Enable Signal Input (‘RESET’)
5
VS
MOSFET Source Connection
6
HOL
MOSFET Gate Low Connection
7
HOH
MOSFET Gate High Connection
8
VB
Driver Output Stage Supply
NOTE:
The HOL and HOH are the low respective high gate drive output pins. The turn on and turn off time of the external MOSFET could be controlled by
using different resistance values for high and low signal.
ISL6801


Similar Part No. - ISL6801

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6801 RENESAS-ISL6801 Datasheet
353Kb / 6P
   High Voltage Bootstrap High Side Driver
ISL6801AB RENESAS-ISL6801AB Datasheet
353Kb / 6P
   High Voltage Bootstrap High Side Driver
ISL6801AB-T RENESAS-ISL6801AB-T Datasheet
353Kb / 6P
   High Voltage Bootstrap High Side Driver
More results

Similar Description - ISL6801

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6801 RENESAS-ISL6801 Datasheet
353Kb / 6P
   High Voltage Bootstrap High Side Driver
logo
Rohm
BM6205FS ROHM-BM6205FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6206FS ROHM-BM6206FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6207FS ROHM-BM6207FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6209FS ROHM-BM6209FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6208FS ROHM-BM6208FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
logo
Mitsubishi Electric Sem...
M81705FP MITSUBISHI-M81705FP Datasheet
52Kb / 8P
   HIGH VOLTAGE HIGH SIDE DRIVER
logo
STMicroelectronics
L9857 STMICROELECTRONICS-L9857 Datasheet
124Kb / 11P
   High voltage high-side driver
L9856-TR STMICROELECTRONICS-L9856-TR Datasheet
172Kb / 14P
   High voltage high-side driver
L9856 STMICROELECTRONICS-L9856 Datasheet
150Kb / 14P
   High voltage high-side driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com