Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR3AS-8UE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CR3AS-8UE
Description  400V - 3A - Thyristor Medium Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR3AS-8UE Datasheet(HTML) 2 Page - Renesas Technology Corp

  CR3AS-8UE_15 Datasheet HTML 1Page - Renesas Technology Corp CR3AS-8UE_15 Datasheet HTML 2Page - Renesas Technology Corp CR3AS-8UE_15 Datasheet HTML 3Page - Renesas Technology Corp CR3AS-8UE_15 Datasheet HTML 4Page - Renesas Technology Corp CR3AS-8UE_15 Datasheet HTML 5Page - Renesas Technology Corp CR3AS-8UE_15 Datasheet HTML 6Page - Renesas Technology Corp CR3AS-8UE_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CR3AS-8UE
Preliminary
R07DS1116EJ0100 Rev.1.00
Page 2 of 6
Sep 05, 2013
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak reverse current
IRRM
1.0
mA
Tj = 125
°C, VRRM applied
RGK= 1 kΩ
Repetitive peak off-state current
IDRM
1.0
mA
Tj = 125
°C, VDRM applied
RGK= 1 kΩ
On-state voltage
VTM
1.4
V
Tj = 25
°C, ITM = 4 A
instantaneous value
Gate trigger voltage
VGT
0.8
V
Tj = 25
°C, VD = 6 V, IT = 0.1 A
Gate non-trigger voltage
VGD
0.2
V
Tj = 125
°C, VD = 1/2 VDRM
RGK= 1 kΩ
Gate trigger current
IGT
1
100
μA
Tj = 25
°C, VD = 6 V, IT = 0.1 A
Holding current
IH
5.0
mA
Tj = 25°C, VD = 12 V
RGK= 1 kΩ
Thermal resistance
Rth(j-c)
4.0
°C/W
Junction to case
Note2
Notes: 2. The measurement point for case temperature is at anode tab.


Similar Part No. - CR3AS-8UE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3AS-8UE RENESAS-CR3AS-8UE Datasheet
483Kb / 7P
   400V - 3A - Thyristor
May. 10, 2019
More results

Similar Description - CR3AS-8UE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3AS-8ME RENESAS-CR3AS-8ME_15 Datasheet
59Kb / 3P
   400V - 3A - Thyristor Low Power Use
CR5AS-8UE RENESAS-CR5AS-8UE_15 Datasheet
102Kb / 3P
   400V - 5A - Thyristor Medium Power Use
CR3PM-8ME RENESAS-CR3PM-8ME Datasheet
155Kb / 3P
   400V - 3A - Thyristor
CR3AS-8UE RENESAS-CR3AS-8UE Datasheet
483Kb / 7P
   400V - 3A - Thyristor
May. 10, 2019
CR3AS-8ME RENESAS-CR3AS-8ME Datasheet
454Kb / 7P
   400V - 3A - Thyristor
May. 10, 2019
CR6KM-12A RENESAS-CR6KM-12A Datasheet
107Kb / 7P
   Thyristor Medium Power Use
CR8PM-12A RENESAS-CR8PM-12A_15 Datasheet
92Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR6PM-12B RENESAS-CR6PM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12CS-16B RENESAS-CR12CS-16B_15 Datasheet
119Kb / 9P
   Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com