Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6843 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6843
Description  Improved Industry Standard Single Ended Current Mode PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6843 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6843 Datasheet HTML 1Page - Intersil Corporation ISL6843 Datasheet HTML 2Page - Intersil Corporation ISL6843 Datasheet HTML 3Page - Intersil Corporation ISL6843 Datasheet HTML 4Page - Intersil Corporation ISL6843 Datasheet HTML 5Page - Intersil Corporation ISL6843 Datasheet HTML 6Page - Intersil Corporation ISL6843 Datasheet HTML 7Page - Intersil Corporation ISL6843 Datasheet HTML 8Page - Intersil Corporation ISL6843 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Gain, ACS = ∆VCOMP/∆VCS
0 < VCS < 910mV, VFB = 0V
(Note 5)
2.5
3.0
3.5
V/V
CS to OUT Delay
(Note 5)
-
25
40
nS
ERROR AMPLIFIER
Open Loop Voltage Gain
(Note 5)
60
90
-
dB
Unity Gain Bandwidth
(Note 5)
3.5
5
-
MHz
Reference Voltage
VFB = VCOMP
2.475
2.500
2.525
V
FB Input Bias Current
VFB = 0V
-1.0
-0.2
1.0
µA
COMP Sink Current
VCOMP = 1.5V, VFB = 2.7V
1.0
-
-
mA
COMP Source Current
VCOMP = 1.5V, VFB = 2.3V
-0.4
-
-
mA
COMP VOH
VFB = 2.3V
4.80
-
VREF
V
COMP VOL
VFB = 2.7V
0.4
-
1.0
V
PSRR
Frequency = 120Hz, VDD = 12V to
18V (Note 5)
60
80
-
dB
OSCILLATOR
Frequency Accuracy
Initial, TJ = 25
oC
495255
kHz
Frequency Variation with VDD
T = 25oC (F18V - F12V)/F12V
-0.2
1.0
%
Temperature Stability
(Note 5)
-
-
5
%
Amplitude, Peak to Peak
-1.9
-
V
RTCT Discharge Voltage
-
0.7
-
V
Discharge Current
RTCT = 2.0V
7.2
8.4
9.5
mA
OUTPUT
Gate VOH
VDD - OUT, IOUT = -200mA
-
1.0
2.0
V
Gate VOL
OUT - GND, IOUT = 200mA
-
1.0
2.0
V
Peak Output Current
COUT = 1nF (Note 5)
-
1.0
-
A
Rise Time
COUT = 1nF (Note 5)
-
20
40
nS
Fall Time
COUT = 1nF (Note 5)
-
20
40
nS
PWM
Maximum Duty Cycle
ISL6842, ISL6843
94
96
-
%
ISL6844, ISL6845
47
48
-
%
Minimum Duty Cycle
ISL6842, ISL6843
-
-
0
%
ISL6844, ISL6845
-
-
0
%
NOTES:
3. Specifications at -40oC are guaranteed by design, not production tested.
4. This is the VDD current consumed when the device is active but not switching. Does not include gate drive current.
5. Guaranteed by design, not 100% tested in production.
6. Adjust VDD above the start threshold and then lower to 15V.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic. VDD = 15V (Note 6), Rt = 10kΩ, Ct = 3.3nF, TA = -40 to 105
oC (Note 3), Typical values are at
TA = 25
oC (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6842, ISL6843, ISL6844, ISL6845


Similar Part No. - ISL6843

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6843 INTERSIL-ISL6843 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843 INTERSIL-ISL6843 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843 INTERSIL-ISL6843 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843 INTERSIL-ISL6843 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended
ISL6843 INTERSIL-ISL6843 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
More results

Similar Description - ISL6843

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com