Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF525C Datasheet(PDF) 5 Page - Analog Devices

Part # ADSP-BF525C
Description  Blackfin Embedded Processor with Codec
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF525C Datasheet(HTML) 5 Page - Analog Devices

  ADSP-BF525C_15 Datasheet HTML 1Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 2Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 3Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 4Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 5Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 6Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 7Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 8Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADSP-BF522C/ADSP-BF523C/ADSP-BF524C/ADSP-BF525C/ADSP-BF526C/ADSP-BF527C
Rev. A
|
Page 5 of 36
|
March 2010
The first gain stage is composed of a low noise operational
amplifier set to an inverting configuration with integrated
50 k
Ω feedback and 10 kΩ input resistors. The default micro-
phone input signal gain is 14 dB. An external resistor (REXT) can
be connected in series with the MICIN pin to reduce the first-
stage gain of the microphone input signal to as low as 0 dB by
using the following equation:
Microphone Input Gain = 50 k
Ω/(10 kΩ + REXT)
The second-stage gain of the microphone signal path is derived
from the internal microphone boost circuitry. The available set-
tings are 0 dB, 20 dB, and 40 dB and are controlled by the
MICBOOST (Register R4, Bit D0) and MICBOOST2 (Register
R4, Bit D8) bits. To achieve 20 dB of secondary gain boost, the
programmer can select either MICBOOST or MICBOOST2. To
achieve 40 dB of secondary microphone signal gain, the pro-
grammer must select both MICBOOST and MICBOOST2.
The MUTEMIC bit (Register R4, Bit D1) mutes the microphone
input signal to the ADC.
When using either the line or microphone inputs, the maximum
full-scale input to the ADC is 1.0 V rms when AVDD = 3.3 V.
Do not apply an input voltage larger than full-scale to avoid
overloading the ADC, which causes distortion of sound and
deterioration of audio quality. For best sound quality in both
microphone and line inputs, gain should be carefully configured
so that the ADC receives a signal equal to its full-scale. This
maximizes the signal-to-noise ratio for best total audio quality.
Bypass and Sidetone Paths to Output
The line and microphone inputs can be routed and mixed
directly to the output terminals by programming the SIDET-
ONE (Register R4, Bit D5) and BYPASS (Register R4, Bit D3)
registers. In both modes, the analog input signal is routed
directly to the output terminals and is not digitally converted.
The bypass signal at the output mixer is the same level as the
output of the PGA associated with each line input.
The sidetone signal at the output mixer can be attenuated from
–6 dB to –15 dB in steps of –3 dB by configuring the SIDEATT
(Register R4, Bit D6 and Bit D7) control register bits. The
selected level of attenuation occurs after the initial microphone
signal amplification from the microphone first and second stage
gains.
Line and Headphone Outputs
The DAC outputs, the microphone (the sidetone path), and the
line inputs (the bypass path) are summed at an output mixer
(see Figure 4). This output signal is then applied to both the ste-
reo line outputs and stereo headphone outputs.
The codec has a set of efficient headphone amplifier outputs,
LHPOUT and RHPOUT, that are able to drive 16
Ω or 32 Ω
headphones (shown in Figure 5).
Like the line inputs, the LHPOUT and RHPOUT volumes, by
default, are independently adjusted by setting the LHPVOL
(Register R2, Bit D0 to Bit D6) and RHPVOL (Register R3, Bit
D0 to Bit D6) bits of the headphone output control registers.
The headphone outputs can be muted by writing codes less than
0110000 to the LHPVOL and RHPVOL bits.
Figure 3. Microphone Input to ADC
ADC
OR
SIDETONE
INTERNAL CIRCUITRY
MICIN
AVDD
VMID
AGND
REXT
10kΩ
50kΩ
0dB/20dB/40dB
GAIN BOOST
Figure 4. Output Signal Chain
Figure 5. Headphone Output
LINE OUTPUT
AND
HEADPHONE
OUTPUT
AVDD
VMID
AGND
BYPASS
SIDETONE
DACSEL
LINE
INPUT
MICROPHONE
INPUT
DAC
OUTPUT
INTERNAL CIRCUITRY
RHPOUT
or
LHPOUT
DAC/
SIDETONE/
BYPASS
AVDD
VMID
AGND
+
INTERNAL CIRCUITRY


Similar Part No. - ADSP-BF525C_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF525C AD-ADSP-BF525C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-BF525C AD-ADSP-BF525C Datasheet
2Mb / 44P
   Blackfin Embedded Processor 289-ball MBGA package
Rev. PrC
More results

Similar Description - ADSP-BF525C_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF527C AD-ADSP-BF527C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF522C AD-ADSP-BF522C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF523C AD-ADSP-BF523C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF524C AD-ADSP-BF524C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF526C AD-ADSP-BF526C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com