Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G08A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV1G08A
Description  2?밿nput AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G08A Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV1G08A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G08A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G08A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G08A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G08A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G08A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G08A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G08A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G08A_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74LV1G08A
R04DS0020EJ0900 Rev.9.00
Page 5 of 8
Jan 10, 2014
Switching Characteristics
• V
CC = 1.8 ± 0.15 V
Item
Symbol
Ta = 25°C
Ta = –40 to 85°C
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Min
Typ
Max
Min
Max
Propagation
delay time
tPLH
tPHL
12.8
22.7
1.0
25.0
ns
CL = 15 pF
A or B
Y
19.4
32.8
1.0
38.5
CL = 50 pF
• V
CC = 2.5 ± 0.2 V
Item
Symbol
Ta = 25°C
Ta = –40 to 85°C
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Min
Typ
Max
Min
Max
Propagation
delay time
tPLH
tPHL
7.9
13.8
1.0
16.0
ns
CL = 15 pF
A or B
Y
10.5
17.3
1.0
20.0
CL = 50 pF
• V
CC = 3.3 ± 0.3 V
Item
Symbol
Ta = 25°C
Ta = –40 to 85°C
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Min
Typ
Max
Min
Max
Propagation
delay time
tPLH
tPHL
5.6
8.8
1.0
10.5
ns
CL = 15 pF
A or B
Y
7.5
12.3
1.0
14.0
CL = 50 pF
• V
CC = 5.0 ± 0.5 V
Item
Symbol
Ta = 25°C
Ta = –40 to 85°C
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Min
Typ
Max
Min
Max
Propagation
delay time
tPLH
tPHL
4.1
5.9
1.0
7.0
ns
CL = 15 pF
A or B
Y
5.5
7.9
1.0
9.0
CL = 50 pF
Operating Characteristics
• C
L = 50 pF
Item
Symbol
VCC (V)
Ta = 25°C
Unit
Test Conditions
Min
Typ
Max
Power dissipation
capacitance
CPD
3.3
8.0
pF
f = 10 MHz
5.0
10.0


Similar Part No. - HD74LV1G08A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G08ACME RENESAS-HD74LV1G08ACME Datasheet
105Kb / 8P
   2-input AND Gate
HD74LV1G08AVSE RENESAS-HD74LV1G08AVSE Datasheet
105Kb / 8P
   2-input AND Gate
More results

Similar Description - HD74LV1G08A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_15 Datasheet
165Kb / 9P
   2?밿nput NOR Gate
HD74LV1G32A RENESAS-HD74LV1G32A_15 Datasheet
166Kb / 9P
   2?밿nput OR Gate
HD74LV1G00A RENESAS-HD74LV1G00A_15 Datasheet
165Kb / 9P
   2?밿nput NAND Gate
HD74LV1G86A RENESAS-HD74LV1G86A_15 Datasheet
169Kb / 9P
   2?밿nput Exclusive?밢R Gate
HD74ALVC1G86 RENESAS-HD74ALVC1G86_15 Datasheet
101Kb / 10P
   2?밿nput Exclusive?밢R Gate
HD74LV1GT08A RENESAS-HD74LV1GT08A_15 Datasheet
136Kb / 9P
   2?밿nput AND Gate / CMOS Logic Level Shifter
HD74LV2G08A RENESAS-HD74LV2G08A_15 Datasheet
105Kb / 11P
   Dual 2?밿nput AND Gates
HD74LV1GT00A RENESAS-HD74LV1GT00A_15 Datasheet
136Kb / 9P
   2?밿nput NAND Gate / CMOS Logic Level Shifter
HD74LV1GT02A RENESAS-HD74LV1GT02A_15 Datasheet
137Kb / 9P
   2?밿nput NOR Gate / CMOS Logic Level Shifter
HD74LV1GT32A RENESAS-HD74LV1GT32A_15 Datasheet
136Kb / 9P
   2?밿nput OR Gate / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com