Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83384ECA Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL83384ECA
Description  짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83384ECA Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL83384ECA Datasheet HTML 2Page - Intersil Corporation ISL83384ECA Datasheet HTML 3Page - Intersil Corporation ISL83384ECA Datasheet HTML 4Page - Intersil Corporation ISL83384ECA Datasheet HTML 5Page - Intersil Corporation ISL83384ECA Datasheet HTML 6Page - Intersil Corporation ISL83384ECA Datasheet HTML 7Page - Intersil Corporation ISL83384ECA Datasheet HTML 8Page - Intersil Corporation ISL83384ECA Datasheet HTML 9Page - Intersil Corporation ISL83384ECA Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Interconnection with 3V and 5V Logic
The ISL83384E directly interfaces with 5V CMOS and TTL
logic families. Nevertheless, with the device at 3.3V, and the
logic supply at 5V, AC, HC, and CD4000 outputs can drive
ISL83384E inputs, but ISL83384E outputs do not reach the
minimum VIH for these logic families. See Table 3 for more
information.
±15kV ESD Protection
All pins on ISL83XXX devices include ESD protection
structures, but the ISL83384E incorporates advanced
structures which allow the RS-232 pins (transmitter outputs
and receiver inputs) to survive ESD events up to
±15kV. The
RS-232 pins are particularly vulnerable to ESD damage
because they typically connect to an exposed port on the
exterior of the finished product. Simply touching the port
pins, or connecting a cable, can cause an ESD event that
might destroy unprotected ICs. These new ESD structures
protect the device whether or not it is powered up, protect
without allowing any latchup mechanism to activate, and
don’t interfere with RS-232 signals as large as
±25V.
Human Body Model (HBM) Testing
As the name implies, this test method emulates the ESD
event delivered to an IC during human handling. The tester
delivers the charge through a 1.5k
Ω current limiting resistor,
making the test less severe than the IEC61000 test which
utilizes a 330
Ω limiting resistor. The HBM method
determines an ICs ability to withstand the ESD transients
typically present during handling and manufacturing. Due to
the random nature of these events, each pin is tested with
respect to all other pins. The RS-232 pins on “E” family
devices can withstand HBM ESD events to
±15kV.
IEC16000-4-2 Testing
The IEC61000 test method applies to finished equipment,
rather than to an individual IC. Therefore, the pins most likely
to suffer an ESD event are those that are exposed to the
outside world (the RS-232 pins in this case), and the IC is
tested in its typical application configuration (power applied)
rather than testing each pin-to-pin combination. The lower
current limiting resistor coupled with the larger charge
storage capacitor yields a test that is much more severe than
the HBM test. The extra ESD protection built into this
device’s RS-232 pins allows the design of equipment
meeting level 4 criteria without the need for additional board
level protection on the RS-232 port.
AIR-GAP DISCHARGE TEST METHOD
For this test method, a charged probe tip moves toward the
IC pin until the voltage arcs to it. The current waveform
delivered to the IC pin depends on approach speed,
humidity, temperature, etc., so it is difficult to obtain
repeatable results. The “E” device RS-232 pins withstand
±15kV air-gap discharges.
CONTACT DISCHARGE TEST METHOD
During the contact discharge test, the probe contacts the
tested pin before the probe tip is energized, thereby
eliminating the variables associated with the air-gap
discharge. The result is a more repeatable and predictable
test, but equipment limits prevent testing devices at voltages
higher than
±8kV. All “E” family devices survive ±8kV contact
discharges on the RS-232 pins.
FIGURE 8. LOOPBACK TEST AT 250Kbps
TABLE 3. LOGIC FAMILY COMPATIBILITY WITH VARIOUS
SUPPLY VOLTAGES
SYSTEM
POWER-SUPPLY
VOLTAGE
(V)
VCC
SUPPLY
VOLTAGE
(V)
COMPATIBILITY
3.3
3.3
Compatible with all CMOS
families.
5
5
Compatible with all TTL and
CMOS logic families.
5
3.3
Compatible with ACT and HCT
CMOS, and with TTL.
ISL83384E outputs are
incompatible with AC, HC, and
CD4000 CMOS inputs.
T1IN
T1OUT
R1OUT
2
µs/DIV.
5V/DIV.
VCC = +3.3V
C1 - C4 = 0.1
µF
ISL83384E


Similar Part No. - ISL83384ECA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83384ECA INTERSIL-ISL83384ECA Datasheet
281Kb / 9P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
logo
Renesas Technology Corp
ISL83384ECA RENESAS-ISL83384ECA Datasheet
542Kb / 9P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
logo
Intersil Corporation
ISL83384ECA-T INTERSIL-ISL83384ECA-T Datasheet
281Kb / 9P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
logo
Renesas Technology Corp
ISL83384ECA-T RENESAS-ISL83384ECA-T Datasheet
542Kb / 9P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
logo
Intersil Corporation
ISL83384ECAZA INTERSIL-ISL83384ECAZA Datasheet
281Kb / 9P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
More results

Similar Description - ISL83384ECA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83384E INTERSIL-ISL83384E_05 Datasheet
281Kb / 9P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
ICL3310E INTERSIL-ICL3310E Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
logo
Renesas Technology Corp
ISL83384E RENESAS-ISL83384E Datasheet
542Kb / 9P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
logo
Intersil Corporation
ICL3310 INTERSIL-ICL3310 Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ISL83386E INTERSIL-ISL83386E Datasheet
231Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
ISL83386E INTERSIL-ISL83386E_04 Datasheet
271Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com