Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G14A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LV1G14A
Description  Inverter with Schmitt?뱓rigger Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G14A Datasheet(HTML) 8 Page - Renesas Technology Corp

  HD74LV1G14A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G14A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G14A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G14A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G14A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G14A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G14A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G14A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G14A_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HD74LV1G14A
R04DS0021EJ0800 Rev.8.00
Page 8 of 8
Jan 10, 2014
1
3
54
D
b
c
1.0 ±0.1
0.3
0.2
0.15
A1
1.3
1.1
1.55
1.6
1.55
0.12
0.5
e
e
Lp
x
y
0.2
1.65
1.65
0.22
0.07
L1
c1
c
ZD
b
A
E
D
b1
HE
A2
0.6
1.2
1.6
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
P-USON5-1.2x1.6-0.50
0.002g
MASS[Typ.]
TNP-5D/TNP-5DV
PUSN0005KA-A
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HD74LV1G14A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G14ACME RENESAS-HD74LV1G14ACME Datasheet
113Kb / 8P
   Inverter with Schmitt.trigger Input
HD74LV1G14AVSE RENESAS-HD74LV1G14AVSE Datasheet
113Kb / 8P
   Inverter with Schmitt.trigger Input
More results

Similar Description - HD74LV1G14A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G14A RENESAS-HD74LV2G14A_15 Datasheet
109Kb / 11P
   Triple Inverters with Schmitt?뱓rigger Inputs
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
logo
Hitachi Semiconductor
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A_15 Datasheet
139Kb / 9P
   Inverter with Schmitt-trigger Input /
HD74HCT1G14 RENESAS-HD74HCT1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
logo
ON Semiconductor
NC7SZ14 ONSEMI-NC7SZ14 Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
MC74HC1G14 ONSEMI-MC74HC1G14_18 Datasheet
172Kb / 9P
   Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
logo
Fairchild Semiconductor
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com