Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF527 Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-BF527
Description  Blackfin Embedded Processor
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF527 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-BF527_15 Datasheet HTML 6Page - Analog Devices ADSP-BF527_15 Datasheet HTML 7Page - Analog Devices ADSP-BF527_15 Datasheet HTML 8Page - Analog Devices ADSP-BF527_15 Datasheet HTML 9Page - Analog Devices ADSP-BF527_15 Datasheet HTML 10Page - Analog Devices ADSP-BF527_15 Datasheet HTML 11Page - Analog Devices ADSP-BF527_15 Datasheet HTML 12Page - Analog Devices ADSP-BF527_15 Datasheet HTML 13Page - Analog Devices ADSP-BF527_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
Rev. D
|
Page 10 of 88
|
July 2013
ADSP-BF522/ADSP-BF523/ADSP-BF524/ADSP-BF525/ADSP-BF526/ADSP-BF527
components as shown in Figure 4.
The RTC peripheral has dedicated power supply pins so that it
can remain powered up and clocked even when the rest of the
processor is in a low power state. The RTC provides several pro-
grammable interrupt options, including interrupt per second,
minute, hour, or day clock ticks, interrupt on programmable
stopwatch countdown, or interrupt at a programmed alarm
time.
The 32.768 kHz input clock frequency is divided down to a 1 Hz
signal by a prescaler. The counter function of the timer consists
of four counters: a 60-second counter, a 60-minute counter, a
24-hour counter, and an 32,768-day counter.
When enabled, the alarm function generates an interrupt when
the output of the timer matches the programmed value in the
alarm control register. There are two alarms: The first alarm is
for a time of day. The second alarm is for a day and time of
that day.
The stopwatch function counts down from a programmed
value, with one-second resolution. When the stopwatch is
enabled and the counter underflows, an interrupt is generated.
Like the other peripherals, the RTC can wake up the processor
from sleep mode upon generation of any RTC wake-up event.
Additionally, an RTC wakeup event can wake up the processor
from deep sleep mode or cause a transition from the hibernate
state.
WATCHDOG TIMER
The processor includes a 32-bit timer that can be used to imple-
ment a software watchdog function. A software watchdog can
improve system availability by forcing the processor to a known
state through generation of a hardware reset, nonmaskable
interrupt (NMI), or general-purpose interrupt, if the timer
expires before being reset by software. The programmer initial-
izes the count value of the timer, enables the appropriate
interrupt, then enables the timer. Thereafter, the software must
reload the counter before it counts to zero from the pro-
grammed value. This protects the system from remaining in an
unknown state where software, which would normally reset the
timer, has stopped running due to an external noise condition
or software error.
If configured to generate a hardware reset, the watchdog timer
resets both the core and the processor peripherals. After a reset,
software can determine if the watchdog was the source of the
hardware reset by interrogating a status bit in the watchdog
timer control register.
The timer is clocked by the system clock (SCLK), at a maximum
frequency of fSCLK.
TIMERS
There are nine general-purpose programmable timer units in
the processors. Eight timers have an external pin that can be
configured either as a pulse width modulator (PWM) or timer
output, as an input to clock the timer, or as a mechanism for
measuring pulse widths and periods of external events. These
timers can be synchronized to an external clock input to the sev-
eral other associated PF pins, an external clock input to the
PPI_CLK input pin, or to the internal SCLK.
The timer units can be used in conjunction with the two UARTs
to measure the width of the pulses in the data stream to provide
a software auto-baud detect function for the respective serial
channels.
The timers can generate interrupts to the processor core provid-
ing periodic events for synchronization, either to the system
clock or to a count of external signals.
In addition to the eight general-purpose programmable timers,
a ninth timer is also provided. This extra timer is clocked by the
internal processor clock and is typically used as a system tick
clock for generation of operating system periodic interrupts.
UP/DOWN COUNTER AND THUMBWHEEL
INTERFACE
A 32-bit up/down counter is provided that can sense 2-bit
quadrature or binary codes as typically emitted by industrial
drives or manual thumb wheels. The counter can also operate in
general-purpose up/down count modes. Then, count direction
is either controlled by a level-sensitive input pin or by two edge
detectors.
A third input can provide flexible zero marker support and can
alternatively be used to input the push-button signal of thumb
wheels. All three pins have a programmable debouncing circuit.
An internal signal forwarded to the timer unit enables one timer
to measure the intervals between count events. Boundary regis-
ters enable auto-zero operation or simple system warning by
interrupts when programmable count values are exceeded.
SERIAL PORTS
The processors incorporate two dual-channel synchronous
serial ports (SPORT0 and SPORT1) for serial and multiproces-
sor communications. The SPORTs support the following
features:
•I2S capable operation.
Figure 4. External Components for RTC
RTXO
C1
C2
X1
SUGGESTED COMPONENTS:
X1 = ECLIPTEK EC38J (THROUGH-HOLE PACKAGE) OR
EPSON MC405 12 pF LOAD (SURFACE-MOUNT PACKAGE)
C1 = 22 pF
C2 = 22 pF
R1 = 10 M
NOTE: C1 AND C2 ARE SPECIFIC TO CRYSTAL SPECIFIED FOR X1.
CONTACT CRYSTAL MANUFACTURER FOR DETAILS. C1 AND C2
SPECIFICATIONS ASSUME BOARD TRACE CAPACITANCE OF 3 pF.
RTXI
R1


Similar Part No. - ADSP-BF527_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF527BBCZ-5A AD-ADSP-BF527BBCZ-5A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF527BBCZ-5A AD-ADSP-BF527BBCZ-5A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF527C AD-ADSP-BF527C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-BF527C AD-ADSP-BF527C Datasheet
2Mb / 44P
   Blackfin Embedded Processor 289-ball MBGA package
Rev. PrC
ADSP-BF527C AD-ADSP-BF527C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
More results

Similar Description - ADSP-BF527_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com