Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83485 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL83485
Description  3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83485 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL83485 Datasheet HTML 4Page - Intersil Corporation ISL83485 Datasheet HTML 5Page - Intersil Corporation ISL83485 Datasheet HTML 6Page - Intersil Corporation ISL83485 Datasheet HTML 7Page - Intersil Corporation ISL83485 Datasheet HTML 8Page - Intersil Corporation ISL83485 Datasheet HTML 9Page - Intersil Corporation ISL83485 Datasheet HTML 10Page - Intersil Corporation ISL83485 Datasheet HTML 11Page - Intersil Corporation ISL83485 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Test Circuits and Waveforms
FIGURE 1A. VOD AND VOC
FIGURE 1B. VOD WITH COMMON MODE LOAD
FIGURE 1. DC DRIVER TEST CIRCUITS
FIGURE 2A. DIFFERENTIAL TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2C. SINGLE ENDED TEST CIRCUIT
FIGURE 2. DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
D
DE
DI
VCC
VOD
VOC
RL/2
RL/2
Z
Y
D
DE
DI
VCC
VOD
375
375
Z
Y
RL = 60Ω
VCM
-7V to +12V
D
DE
DI
3V
SIGNAL
GENERATOR
CL = 15pF
RDIFF = 60Ω
Z
Y
CL = 15pF
OUT (Y)
3V
0V
tPLH
1.5V
1.5V
VOH
VOL
50%
50%
tPHL
OUT (Z)
tPHL
VOH
VOL
50%
50%
tPLH
DIFF OUT (Y - Z)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DI
tDD
50%
tDD
50%
SKEW = |tPLH (Y or Z) - tPHL (Z or Y)|
D
DE
DI
3V
SIGNAL
GENERATOR
Z
Y
CL = 15pF
RL = 27Ω
VOM
OUT
VOH + VOL
2
≈1.5V
VOM =
ISL83483, ISL83485, ISL83488, ISL83490, ISL83491


Similar Part No. - ISL83485

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83485 INTERSIL-ISL83485 Datasheet
541Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485 INTERSIL-ISL83485 Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485 INTERSIL-ISL83485 Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83485 RENESAS-ISL83485 Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83485IB INTERSIL-ISL83485IB Datasheet
541Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83485

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83491IBZ-T INTERSIL-ISL83491IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83483 INTERSIL-ISL83483_04 Datasheet
541Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83483 RENESAS-ISL83483 Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com