Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83385EIB-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL83385EIB-T
Description  15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83385EIB-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL83385EIB-T Datasheet HTML 3Page - Intersil Corporation ISL83385EIB-T Datasheet HTML 4Page - Intersil Corporation ISL83385EIB-T Datasheet HTML 5Page - Intersil Corporation ISL83385EIB-T Datasheet HTML 6Page - Intersil Corporation ISL83385EIB-T Datasheet HTML 7Page - Intersil Corporation ISL83385EIB-T Datasheet HTML 8Page - Intersil Corporation ISL83385EIB-T Datasheet HTML 9Page - Intersil Corporation ISL83385EIB-T Datasheet HTML 10Page - Intersil Corporation ISL83385EIB-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Die Characteristics
DIE DIMENSIONS
100 mils x 100 mils (2540
µm x 2540µm)
METALLIZATION
Type: Metal 1: AISi(1%)
Thickness: Metal 1: 8k
Å
Type: Metal 2: AISi (1%)
Thickness: Metal 2: 10k
Å
SUBSTRATE POTENTIAL (POWERED UP)
Floating
PASSIVATION
Type: Silox
Thickness: 13k
Å
TRANSISTOR COUNT
338
PROCESS
Si Gate CMOS
FIGURE 9. SUPPLY CURRENT vs LOAD CAPACITANCE
WHEN TRANSMITTING DATA
FIGURE 10. SUPPLY CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves VCC = 3.3V, TA = 25oC (Continued)
0
5
10
15
20
25
30
45
35
40
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE (pF)
20kbps
250kbps
120kbps
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0.5
1.0
1.5
2.0
SUPPLY VOLTAGE (V)
2.5
3.0
3.5
NO LOAD
ALL OUTPUTS STATIC
ISL83385E


Similar Part No. - ISL83385EIB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83385EIB INTERSIL-ISL83385EIB Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385EIB RENESAS-ISL83385EIB Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ISL83385EIBZ INTERSIL-ISL83385EIBZ Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385EIBZ RENESAS-ISL83385EIBZ Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
More results

Similar Description - ISL83385EIB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
ICL3310E INTERSIL-ICL3310E Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com