Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8393 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL8393
Description  Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8393 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL8393 Datasheet HTML 1Page - Intersil Corporation ISL8393 Datasheet HTML 2Page - Intersil Corporation ISL8393 Datasheet HTML 3Page - Intersil Corporation ISL8393 Datasheet HTML 4Page - Intersil Corporation ISL8393 Datasheet HTML 5Page - Intersil Corporation ISL8393 Datasheet HTML 6Page - Intersil Corporation ISL8393 Datasheet HTML 7Page - Intersil Corporation ISL8393 Datasheet HTML 8Page - Intersil Corporation ISL8393 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V- to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15 to 0.3V
All Other Pins (Note 3) . . . . . . . . . . . . . ((V-) - 0.3V) to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 30mA
Peak Current, IN, NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . 100mA
ESD Rating (Per MIL-STD-883 Method 3015). . . . . . . . . . . . . .>2kV
Operating Conditions
Temperature Range
ISL839XIX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 4)
θJA (oC/W)
16 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
115
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Moisture Sensitivity (See Technical Brief TB363)
All Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
Maximum Storage Temperature Range. . . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. Signals on NC, NO, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum current ratings.
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications:
±5V Supply Test Conditions: V
SUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 6)
MIN
TYP
(NOTE 6)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
V-
-
V+
V
ON Resistance, RON
VS = ±4.5V, ICOM = 10mA, VNO or VNC = ±3.5V,
(See Figure 5)
25
-
20
35
Full
-
-
45
RON Matching Between Channels,
∆R
ON
VS = ±5V, ICOM = 10mA, VNO or VNC = ±3V
25
-
0.3
2
Full
-
-
4
RON Flatness, RFLAT(ON)
VS = ±5V, ICOM = 10mA, VNO or VNC = ±3V, 0V,
(Note 8)
25
-
-
4
Full
-
-
6
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V,
(Note 7)
25
-0.1
-
0.1
nA
Full
-2.5
-
2.5
nA
COM OFF Leakage Current,
ICOM(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V,
(Note 7)
25
-0.1
-
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
VS = ±5.5V, VCOM = VNO or VNC = ±4.5V, (Note 7)
25
-0.2
-
0.2
nA
Full
-5
-
5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.4
-
-
V
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Current, IINH, IINL
VS = ±5.5V, VIN = 0V or V+
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, (See Figure 1)
25
-
60
130
ns
Full
-
-
175
ns
Turn-OFF Time, tOFF
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, (See Figure 1)
25
-
30
75
ns
Full
-
-
100
ns
Break-Before-Make Time Delay
(ISL8393), tD
VS = ±5.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, (See Figure 3)
25
5
10
-
ns
ISL8391, ISL8392, ISL8393


Similar Part No. - ISL8393

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8393 INTERSIL-ISL8393 Datasheet
341Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8393 INTERSIL-ISL8393 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL8393 RENESAS-ISL8393 Datasheet
649Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL8393 INTERSIL-ISL8393 Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
ISL8393IB INTERSIL-ISL8393IB Datasheet
341Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results

Similar Description - ISL8393

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521_04 Datasheet
363Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391 INTERSIL-ISL8391_04 Datasheet
341Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL8391 RENESAS-ISL8391 Datasheet
649Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL84521IBZ INTERSIL-ISL84521IBZ Datasheet
388Kb / 13P
   Low-Voltage, Single and Dual Supply,Quad SPST, Analog Switches
August 10, 2015
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com