Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84051 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL84051
Description  Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84051 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL84051 Datasheet HTML 1Page - Intersil Corporation ISL84051 Datasheet HTML 2Page - Intersil Corporation ISL84051 Datasheet HTML 3Page - Intersil Corporation ISL84051 Datasheet HTML 4Page - Intersil Corporation ISL84051 Datasheet HTML 5Page - Intersil Corporation ISL84051 Datasheet HTML 6Page - Intersil Corporation ISL84051 Datasheet HTML 7Page - Intersil Corporation ISL84051 Datasheet HTML 8Page - Intersil Corporation ISL84051 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN6047.3
ISL84051, ISL84052, ISL84053
Low-Voltage, Single and Dual Supply, 8 to
1 Multiplexer, Dual 4 to 1 Multiplexer and a
Triple SPDT Analog Switches
The Intersil ISL84051, ISL84052, ISL84053 devices are
precision, bidirectional, analog switches configured as a 8
channel multiplexer/demultiplexer (ISL84051), a dual
differential 4 channel multiplexer/demultiplexer (ISL84052)
and a triple single pole/double throw (SPDT) switch
(ISL84053) designed to operate from a single +2V to +12V
supply or from a ±2V to ±6V supply. All devices have an inhibit
pin to simultaneously open all signal paths.
ON resistance is 60
Ω with a ±5V supply and 125Ω with a
single +5V supply. Each switch can handle rail to rail analog
signals. The off-leakage current is only 0.1nA at +25oC or
5nA at +85oC with a ±5V supply.
All digital inputs have 0.8V to 2.4V logic thresholds, ensuring
TTL/CMOS logic compatibility when using a single +3.3V
and +5V supply or dual ±5V supplies.
The ISL84051 is a 8 to 1 multiplexer device. The ISL84052 is
a dual 4 to 1 multiplexer device. The ISL84053 is a committed
triple SPDT, which is perfect for use in 2-to-1 multiplexer
applications.
Table 1 summarizes the performance of this family.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• Drop-in Replacements for MAX4051/A, MAX4052/A and
MAX4053/A
• Pin Compatible with MAX4581, MAX4582, MAX4583 and
with Industry Standard 74HC4051, 74HC4052 and
74HC4053
• ON Resistance (RON) Max, VS = ±5V . . . . . . . . . . . 100Ω
• ON Resistance (RON) Max, VS = +3V . . . . . . . . . . . 525Ω
•RON Matching Between Channels . . . . . . . . . . . . . . . . . <6Ω
• Low Charge Injection . . . . . . . . . . . . . . . . . . . . . 10pC (Max)
• Single Supply Operation. . . . . . . . . . . . . . . . . . . +2V to +12V
• Dual Supply Operation . . . . . . . . . . . . . . . . . . . . . . ±2V to ±6
• Fast Switching Action (VS = +5V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60ns
• Guaranteed Max Off-leakage @ VS = ±5V. . . . . . . . . . 5nA
• Guaranteed Break-Before-Make
• TTL, CMOS Compatible
Applications
• Portable Equipment
• Communications Systems
-Radios
- Telecom Infrastructure
- ADSL, VDSL Modems
• Test Equipment
- Medical Ultrasound
- Magnetic Resonance Image
- CT and PET Scanners (MRI)
-ATE
- Electrocardiograph
• Audio and Video Signal Routing
• Various Circuits
- +3V/+5V DACs and ADCs
- Sample and Hold Circuits
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits
TABLE 1. FEATURES AT A GLANCE
CONFIGURATION
ISL84051
ISL84052
ISL84053
8:1 Mux
DUAL
4:1 Mux
TRIPLE
SPDT
±5V RON
60
60
60
±5V t
ON/tOFF
50ns/40ns
50ns/40ns
50ns/40ns
5V RON
125
125
125
5V tON/tOFF
90ns/60ns
90ns/60ns
90ns/60ns
3V RON
250
250
250
3V tON/tOFF
180ns/100ns
180ns/100ns
180ns/100ns
Packages
16 Ld SOIC, 16 Ld SSOP
Data Sheet
November 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL84051

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84051 INTERSIL-ISL84051 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84051 INTERSIL-ISL84051 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL84051 INTERSIL-ISL84051 Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results

Similar Description - ISL84051

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com