Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84053 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL84053
Description  Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84053 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL84053 Datasheet HTML 1Page - Intersil Corporation ISL84053 Datasheet HTML 2Page - Intersil Corporation ISL84053 Datasheet HTML 3Page - Intersil Corporation ISL84053 Datasheet HTML 4Page - Intersil Corporation ISL84053 Datasheet HTML 5Page - Intersil Corporation ISL84053 Datasheet HTML 6Page - Intersil Corporation ISL84053 Datasheet HTML 7Page - Intersil Corporation ISL84053 Datasheet HTML 8Page - Intersil Corporation ISL84053 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω,
CL = 35pF, VIN = 0 to 3, (See Figure 1)
25
-
50
175
ns
Full
-
-
225
ns
Inhibit Turn-OFF Time, tOFF
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω,
CL = 35pF, VIN = 0 to 3, (See Figure 1)
25
-
40
150
ns
Full
-
-
200
ns
Address Transition Time, tTRANS
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω,
CL = 35pF, VIN = 0 to 3, (See Figure 1)
25
-
75
250
ns
Break-Before-Make Time, tBBM
VS = ±5.5V, VNO or VNC = 3V, RL = 300Ω,
CL = 35pF, VIN = 0 to 3V, (See Figure 3)
25
2
10
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
2
10
pC
NO/NC OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
3
-
pF
COM OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V,
(See Figure 7)
ISL84051
25
-
21
-
pF
ISL84052
25
-
12
-
pF
ISL84053
25
-
9
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V,
(See Figure 7)
ISL84051
25
-
26
-
pF
ISL84052
25
-
18
-
pF
ISL84053
25
-
14
-
pF
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz,
VNO or VNC = 1VRMS, (See Figures 4 and 6)
25
-
<90
-
dB
Crosstalk, (Note 9) (ISL84052,
ISL84053 only)
25
-
<-90
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
±2-
±6V
Positive Supply Current, I+
VS = ±5.5V, VINH, VADD = 0V or V+, Switch On or
Off
25
-1
0.1
1
µA
Full
-10
-
10
µA
Negative Supply Current, I-
25
-1
0.1
1
µA
Full
-10
-
10
µA
NOTES:
4. VIN = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6.
∆R
ON = RON (MAX) - RON (MIN).
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25oC.
9. Between any two switches.
Electrical Specifications:
±5V Supply Test Conditions: V
SUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL84051, ISL84052, ISL84053


Similar Part No. - ISL84053

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84053 INTERSIL-ISL84053 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053 INTERSIL-ISL84053 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053 INTERSIL-ISL84053 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL84053 INTERSIL-ISL84053 Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IA INTERSIL-ISL84053IA Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
More results

Similar Description - ISL84053

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com