Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84521 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL84521
Description  Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84521 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL84521 Datasheet HTML 4Page - Intersil Corporation ISL84521 Datasheet HTML 5Page - Intersil Corporation ISL84521 Datasheet HTML 6Page - Intersil Corporation ISL84521 Datasheet HTML 7Page - Intersil Corporation ISL84521 Datasheet HTML 8Page - Intersil Corporation ISL84521 Datasheet HTML 9Page - Intersil Corporation ISL84521 Datasheet HTML 10Page - Intersil Corporation ISL84521 Datasheet HTML 11Page - Intersil Corporation ISL84521 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 13. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN - OFF TIME vs SUPPLY VOLTAGE
Typical Performance Curves TA = 25oC, Unless Otherwise Specified (Continued)
VCOM (V)
-4
-2
024
30
50
70
90
-5
-3
-1
1
3
5
VS = ±5V
40
60
80
100
120
VS = ±3V
60
100
140
180
ICOM = 1mA
VS = ±2V
25oC
85oC
25oC
-40oC
85oC
25oC
-40oC
85oC
-40oC
VCOM (V)
-5
0
5
-5
0
5
-2.5
2.5
-7.5
2.5
2.5
VS = ±5V
V+ = 5V
V+ = 3.3V
V+ (V)
2468
10
12
0
50
100
150
200
250
300
3
579
11
-40oC
85oC
25oC
V- = 0V
0
50
100
150
200
250
V- = -5V
VCOM = (V+) - 1V
-40oC
85oC
-40oC
25oC
25oC
V+ (V)
2
468
10
12
10
20
30
40
50
357
9
11
-40oC
85oC
25oC
0
50
100
25
75
125
VCOM = (V+) - 1V
V- = 0V
V- = -5V
-40oC
85oC
-40oC
25oC
25oC
ISL84521, ISL84522, ISL84523


Similar Part No. - ISL84521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
363Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL84521 INTERSIL-ISL84521 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
388Kb / 13P
   Low-Voltage, Single and Dual Supply,Quad SPST, Analog Switches
August 10, 2015
ISL84521IB INTERSIL-ISL84521IB Datasheet
363Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results

Similar Description - ISL84521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL8391 INTERSIL-ISL8391 Datasheet
337Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL84521 INTERSIL-ISL84521_04 Datasheet
363Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391 INTERSIL-ISL8391_04 Datasheet
341Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL8391 RENESAS-ISL8391 Datasheet
649Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL84521IBZ INTERSIL-ISL84521IBZ Datasheet
388Kb / 13P
   Low-Voltage, Single and Dual Supply,Quad SPST, Analog Switches
August 10, 2015
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com