Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54H Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAT54H
Description  Surface Mount Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAT54H Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAT54H_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAT54H_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAT54H
0.2A, 30V Silicon Hot-Carrier Detector
Surface Mount Schottky Barrier Diode
10-Dec-2010 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Turn-on Voltage
Extremely Fast Switching Speed
PN Junction Guard Ring for Transient and ESD Protection
MECHANICAL DATA
Case: SOD-323, Molded Plastic
Low Forward Voltage : 0.35 V@ IF=10mA
MARKING
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-323
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TJ = 125°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Reverse Voltage
VR
30
V
Forward Current
IF
200
mA
Peak Repetitive Forward Current
Rated VR, Square Wave, 20KHz
IFSM (1)
400
mA
Non–Repetitive Peak Forward Current
(t ≦ 1.0 s)
IFSM (2)
600
mA
Repetitive Peak Forward Current
IFRM
300
mA
Thermal Resistance, Junction to Ambient
RθJA
635
°C/W
Power Dissipation
PD
200
mW
Junction & Storage Temperature
TJ, TSTG
-55~125, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)
30
-
-
V
IR= 10µA
Total Capacitance
CT
-
7.6
10
pF
VR= 1.0V, f= 1.0MHz
Reverse Leakage
IR
-
0.5
2.0
µA
VR= 25
VF (1)
-
0.22
0.24
IF= 0.1mA
VF (2)
-
0.29
0.32
IF= 1mA
VF (3)
-
0.35
0.40
IF= 10mA
VF (4)
0.41
0.50
IF= 30mA
Forward Voltage
VF (5)
-
0.52
1.00
V
IF= 100mA
Reverse Recovery Time
*Figure 1
Trr
-
-
5
nS
IF=IR= 10mA,
IR(REC)= 1.0mA
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
SOD-323
JV
Date Code
L4


Similar Part No. - BAT54H_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54H PHILIPS-BAT54H_15 Datasheet
143Kb / 8P
   Schottky barrier single diode in small SOD123F package
25 July 2012
More results

Similar Description - BAT54H_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com