Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1GW16A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV1GW16A
Description  Dual Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW16A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV1GW16A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW16A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW16A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW16A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW16A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW16A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW16A_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LV1GW16A
R04DS0032EJ0300 Rev.3.00
Page 4 of 6
Jan 10, 2014
Switching Characteristics
VCC = 1.8 ± 0.15 V
Item
Symbol
Ta = 25°C
Ta = –40 to 85°C
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Min
Typ
Max
Min
Max
Propagation
delay time
tPLH
tPHL
11.6
20.0
1.0
22.0
ns
CL = 15 pF
A
Y
18.6
30.4
1.0
33.0
CL = 50 pF
VCC = 2.5 ± 0.2 V
Item
Symbol
Ta = 25°C
Ta = –40 to 85°C
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Min
Typ
Max
Min
Max
Propagation
delay time
tPLH
tPHL
7.0
11.7
1.0
14.0
ns
CL = 15 pF
A
Y
10.5
15.5
1.0
18.0
CL = 50 pF
VCC = 3.3 ± 0.3 V
Item
Symbol
Ta = 25°C
Ta = –40 to 85°C
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Min
Typ
Max
Min
Max
Propagation
delay time
tPLH
tPHL
5.0
7.1
1.0
8.5
ns
CL = 15 pF
A
Y
7.5
10.6
1.0
12.0
CL = 50 pF
VCC = 5.0 ± 0.5 V
Item
Symbol
Ta = 25°C
Ta = –40 to 85°C
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Min
Typ
Max
Min
Max
Propagation
delay time
tPLH
tPHL
3.8
5.5
1.0
6.5
ns
CL = 15 pF
A
Y
5.3
7.5
1.0
8.5
CL = 50 pF
Operating Characteristics
CL = 50 pF
Item
Symbol
VCC (V)
Ta = 25°C
Unit
Test Conditions
Min
Typ
Max
Power dissipation
capacitance
CPD
3.3
8.5
pF
f = 10 MHz
5.0
10.0


Similar Part No. - HD74LV1GW16A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW16ACME RENESAS-HD74LV1GW16ACME Datasheet
74Kb / 9P
   DUAL BUFFER
HD74LV1GW16ACME RENESAS-HD74LV1GW16ACME Datasheet
85Kb / 6P
   Dual Buffer
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
More results

Similar Description - HD74LV1GW16A_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
NL27WZ16 ONSEMI-NL27WZ16_V01 Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
logo
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
   DUAL BUFFER
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com