Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF539F Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-BF539F
Description  Blackfin Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF539F Datasheet(HTML) 3 Page - Analog Devices

  ADSP-BF539F_15 Datasheet HTML 1Page - Analog Devices ADSP-BF539F_15 Datasheet HTML 2Page - Analog Devices ADSP-BF539F_15 Datasheet HTML 3Page - Analog Devices ADSP-BF539F_15 Datasheet HTML 4Page - Analog Devices ADSP-BF539F_15 Datasheet HTML 5Page - Analog Devices ADSP-BF539F_15 Datasheet HTML 6Page - Analog Devices ADSP-BF539F_15 Datasheet HTML 7Page - Analog Devices ADSP-BF539F_15 Datasheet HTML 8Page - Analog Devices ADSP-BF539F_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
ADSP-BF539/ADSP-BF539F
Rev. F
|
Page 3 of 60
|
October 2013
GENERAL DESCRIPTION
The ADSP-BF539/ADSP-BF539F processors are members of
the Blackfin
® family of products, incorporating the Analog
Devices, Inc./Intel Micro Signal Architecture (MSA). Blackfin
processors combine a dual-MAC, state-of-the-art signal pro-
cessing engine, the advantages of a clean, orthogonal RISC-like
microprocessor instruction set, and single-instruction, multi-
ple-data (SIMD) multimedia capabilities into a single
instruction set architecture.
The ADSP-BF539/ADSP-BF539F processors are completely
code compatible with other Blackfin processors, differing only
with respect to performance, peripherals, and on-chip memory.
These features are shown in Table 1.
By integrating a rich set of industry-leading system peripherals
and memory, Blackfin processors are the platform of choice for
next generation applications that require RISC-like program-
mability, multimedia support, and leading edge signal
processing in one integrated package.
LOW POWER ARCHITECTURE
Blackfin processors provide world class power management and
performance. Blackfin processors are designed in a low power
and low voltage design methodology and feature dynamic
power management, the ability to vary both the voltage and fre-
quency of operation to significantly lower overall power
consumption. Varying the voltage and frequency can result in a
substantial reduction in power consumption, compared with
simply varying the frequency of operation. This translates into
longer battery life and lower heat dissipation.
SYSTEM INTEGRATION
The ADSP-BF539/ADSP-BF539F processors are highly inte-
grated system-on-a-chip solutions for the next generation of
industrial and automotive applications including audio and
video signal processing. By combining advanced memory con-
figurations, such as on-chip flash memory, with industry-
standard interfaces with a high performance signal processing
core, users can develop cost-effective solutions quickly without
the need for costly external components. The system peripherals
include a MOST Network Media Transceiver (MXVR), three
UART ports, three SPI ports, four serial ports (SPORT), one
CAN interface, two 2-wire interfaces (TWI), four general-pur-
pose timers (three with PWM capability), a real-time clock, a
watchdog timer, a parallel peripheral interface, general-purpose
I/O, and general-purpose flag pins.
ADSP-BF539/ADSP-BF539F PROCESSOR
PERIPHERALS
The ADSP-BF539/ADSP-BF539F processors contain a rich set
of peripherals connected to the core via several high bandwidth
buses, providing flexibility in system configuration as well as
excellent overall system performance (see Figure 1 on Page 1).
The general-purpose peripherals include functions such as
UART, timers with PWM (pulse-width modulation) and pulse
measurement capability, general-purpose flag I/O pins, a real-
time clock, and a watchdog timer. This set of functions satisfies
a wide variety of typical system support needs and is augmented
by the system expansion capabilities of the device. In addition to
these general-purpose peripherals, the processors contain high
speed serial and parallel ports for interfacing to a variety of
audio, video, and modem codec functions. An MXVR trans-
ceiver transmits and receives audio and video data and control
information on a MOST automotive multimedia network. A
CAN 2.0B controller is provided for automotive control net-
works. An interrupt controller manages interrupts from the on-
chip peripherals or external sources. And power management
control functions tailor the performance and power characteris-
tics of the processor and system to many application scenarios.
All of the peripherals, GPIO, CAN, TWI, real-time clock, and
timers, are supported by a flexible DMA structure. There are
also four separate memory DMA channels dedicated to data
transfers between the processor’s various memory spaces,
including external SDRAM and asynchronous memory. Multi-
ple on-chip buses running at up to 133 MHz provide enough
bandwidth to keep the processor core running along with activ-
ity on all of the on-chip and external peripherals.
The ADSP-BF539/ADSP-BF539F processors include an on-chip
voltage regulator in support of the processor’s dynamic power
management capability. The voltage regulator provides a range
of core voltage levels from V
DDEXT. The voltage regulator can be
bypassed at the user's discretion.
Table 1. Processor Features
Feature
ADSP-BF539
ADSP-BF539F8
SPORTs
4
4
UARTs
3
3
SPI
3
3
TWI
2
2
CAN
1
1
MXVR
1
1
PPI
1
1
Internal 8M bit
Parallel Flash
—1
Instruction
SRAM/Cache
16K bytes
16K bytes
Instruction SRAM
64K bytes
64K bytes
Data SRAM/Cache
32K bytes
32K bytes
Data SRAM
32K bytes
32K bytes
Scratchpad
4K bytes
4K bytes
Maximum
Frequency
533 MHz
1066 MMACS
533 MHz
1066 MMACS
Package Option
BC-316
BC-316


Similar Part No. - ADSP-BF539F_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF539F AD-ADSP-BF539F Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF539F AD-ADSP-BF539F Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
More results

Similar Description - ADSP-BF539F_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com