Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1GW58A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LV1GW58A
Description  Configurable Multiple?밊unction Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW58A Datasheet(HTML) 8 Page - Renesas Technology Corp

  HD74LV1GW58A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW58A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW58A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW58A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW58A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW58A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW58A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GW58A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GW58A_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HD74LV1GW58A
R04DS0036EJ0300 Rev.3.00
Page 8 of 8
Jan 10, 2014
Package Dimensions
MASS (Typ) [g]
0.006
Previous Code
RENESAS Code
PTSP0006JA-A
CMPAK-6 / CMPAK-6V
JEITA Package Code
SC-88
© 2013 Renesas Electronics Corporation. All rights reserved.
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
y
Q
0.8
0
0.8
0.15
0.1
1.8
1.15
2.0
0.3
0.1
0.2
Min
Nom
Dimensions in millimeters
Reference
Symbol
Max
0.9
0.25
0.2
0.15
2.0
1.25
0.65
2.1
0.25
1.1
0.1
1.0
0.25
0.25
2.2
1.35
2.2
0.7
0.5
0.6
0.05
0.05
S
y
e
A
EHE
L
L1
Q
c
D
b
AA
A3
LP
S
A
A2
A1
A
S
M
x
b
A-A Section
c


Similar Part No. - HD74LV1GW58A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW58ACME RENESAS-HD74LV1GW58ACME Datasheet
100Kb / 9P
   Configurable Multiple-Function Gate
More results

Similar Description - HD74LV1GW58A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW57A RENESAS-HD74LV1GW57A_15 Datasheet
166Kb / 9P
   Configurable Multiple?밊unction Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A_15 Datasheet
168Kb / 9P
   Configurable Multiple?밊unction Gate
HD74LV1GW97A RENESAS-HD74LV1GW97A_15 Datasheet
168Kb / 9P
   Configurable Multiple?밊unction Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com