Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8483IP Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8483IP
Description  5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8483IP Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8483IP Datasheet HTML 1Page - Intersil Corporation ISL8483IP Datasheet HTML 2Page - Intersil Corporation ISL8483IP Datasheet HTML 3Page - Intersil Corporation ISL8483IP Datasheet HTML 4Page - Intersil Corporation ISL8483IP Datasheet HTML 5Page - Intersil Corporation ISL8483IP Datasheet HTML 6Page - Intersil Corporation ISL8483IP Datasheet HTML 7Page - Intersil Corporation ISL8483IP Datasheet HTML 8Page - Intersil Corporation ISL8483IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6046.3
ISL8483, ISL8485, ISL8488,
ISL8489, ISL8490, ISL8491
5V, Low Power, High Speed or Slew Rate
Limited, RS-485/RS-422 Transceivers
The Intersil RS-485/RS-422 devices are BiCMOS 5V
powered, single transceivers that meet both the RS-485 and
RS-422 standards for balanced communication. Unlike
competitive devices, this Intersil family is specified for 10%
tolerance supplies (4.5V to 5.5V).
The ISL8483, ISL8488, and ISL8489 utilize slew rate limited
drivers which reduce EMI, and minimize reflections from
improperly terminated transmission lines, or unterminated
stubs in multidrop and multipoint applications.
Data rates up to 5Mbps are achievable by using the
ISL8485, ISL8490, or ISL8491, which feature higher slew
rates.
All devices present a “single unit load” to the RS-485 bus,
which allows up to 32 transceivers on the network.
Receiver (Rx) inputs feature a “fail-safe if open” design,
which ensures a logic high Rx output if Rx inputs are
floating.
Driver (Tx) outputs are short circuit protected, even for
voltages exceeding the power supply voltage. Additionally,
on-chip thermal shutdown circuitry disables the Tx outputs to
prevent damage if power dissipation becomes excessive.
The ISL8488 - 91 are configured for full duplex (separate Rx
input and Tx output pins) applications. The ISL8488 and
ISL8490 are offered in space saving 8 lead packages for
applications not requiring Rx and Tx output disable functions
(e.g., point-to-point). Half duplex configurations (ISL8483,
ISL8485) multiplex the Rx inputs and Tx outputs to allow
transceivers with Rx and Tx disable functions in 8 lead
packages.
Features
• Specified for 10% Tolerance Supplies
• Class 3 ESD Protection (HBM) on all Pins. . . . . . . . >7kV
• High Data Rates . . . . . . . . . . . . . . . . . . . . . . up to 5Mbps
• Slew Rate Limited Versions for Error Free Data
Transmission at 250kbps (ISL8483, ISL8488, ISL8489)
• Single Unit Load Allows up to 32 Devices on the Bus
• 1nA Low Current Shutdown Mode (ISL8483)
• Low Quiescent Current:
-160µA (ISL8483, ISL8488, ISL8489)
-340µA (ISL8485, ISL8490, ISL8491)
• -7V to +12V Common Mode Input Voltage Range
• Three State Rx and Tx Outputs (Except ISL8488,
ISL8490)
• 30ns Propagation Delays, 5ns Skew (ISL8485, ISL8490,
ISL8491)
• Full Duplex and Half Duplex Pinouts
• Operate from a Single +5V Supply (10% Tolerance)
• Current Limiting and Thermal Shutdown for driver
Overload Protection
Applications
• Factory Automation
• Security Networks
• Building Environmental Control Systems
• Industrial/Process Control Networks
• Level Translators (e.g., RS-232 to RS-422)
• RS-232 “Extension Cords”
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
NO. OF DEVICES
ALLOWED ON BUS
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
RECEIVER/
DRIVER ENABLE?
QUIESCENT
ICC (µA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL8483
Half
32
0.25
Yes
Yes
160
Yes
8
ISL8485
Half
32
5
No
Yes
340
No
8
ISL8488
Full
32
0.25
Yes
No
160
No
8
ISL8489
Full
32
0.25
Yes
Yes
160
No
14
ISL8490
Full
32
5
No
No
340
No
8
ISL8491
Full
32
5
No
Yes
340
No
14
Data Sheet
December 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL8483IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483IP INTERSIL-ISL8483IP Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483IPZ INTERSIL-ISL8483IPZ Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483IPZ RENESAS-ISL8483IPZ Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8483IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83491IBZ-T INTERSIL-ISL83491IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83483 INTERSIL-ISL83483_04 Datasheet
541Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83483 RENESAS-ISL83483 Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com