Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8563IB Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8563IB
Description  3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8563IB Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8563IB Datasheet HTML 1Page - Intersil Corporation ISL8563IB Datasheet HTML 2Page - Intersil Corporation ISL8563IB Datasheet HTML 3Page - Intersil Corporation ISL8563IB Datasheet HTML 4Page - Intersil Corporation ISL8563IB Datasheet HTML 5Page - Intersil Corporation ISL8563IB Datasheet HTML 6Page - Intersil Corporation ISL8563IB Datasheet HTML 7Page - Intersil Corporation ISL8563IB Datasheet HTML 8Page - Intersil Corporation ISL8563IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Detailed Description
The ISL8563 operates from a single +3V to +5.5V supply,
guarantees a 250kbps minimum data rate, requires only four
small external 0.1
µF capacitors, features low power
consumption, and meets all ElA/TIA-562 and EIA/TIA-232
specifications. The circuit is divided into three sections: The
charge pump, the transmitters, and the receivers.
Charge-Pump
Intersil’s new ISL8563 utilizes regulated on-chip dual charge
pumps as voltage doublers, and voltage inverters to
generate
±5.5V transmitter supplies from a VCC supply as
low as 3.0V. This allows these devices to maintain RS-232
compliant output levels over the
±10% tolerance range of
3.3V powered systems. The efficient on-chip power supplies
require only four small, external 0.1
µF capacitors for the
voltage doubler and inverter functions over the full VCC
range. The charge pumps operate discontinuously (i.e., they
turn off as soon as the V+ and V- supplies are pumped up to
the nominal values), resulting in significant power savings.
Transmitters
The transmitters are proprietary, low dropout, inverting
drivers that translate TTL/CMOS inputs to EIA/TIA-562/232
output levels. Coupled with the on-chip
±5.5V supplies,
these transmitters deliver true RS-562/232 levels over a
wide range of single supply system voltages.
All transmitter outputs disable and assume a high
impedance state when the device enters the powerdown
mode (see Table 2). These outputs may be driven to
±12V
when disabled.
All devices guarantee a 250kbps data rate (VOUT = ±5V) for
full load conditions (3k
Ω and 1000pF), VCC ≥ 3.0V, with one
transmitter operating at full speed. Under more typical
conditions of VCC ≥ 3.3V, RL =3kΩ, and CL = 250pF, one
transmitter easily operates at 900kbps.
Unused transmitter inputs may be left unconnected because
they will be pulled to VCC by the on-chip pull-up resistors.
Forcing the ISL8563 into power down disables the pull-up
resistors to further minimize power.
Receivers
The ISL8563 contains standard inverting receivers that
three-state via the EN control line. All the receivers convert
RS-562/232 signals to CMOS output levels and accept
inputs up to
±25V while presenting the required 3kΩ to 7kΩ
input impedance (see Figure 3) even if the power is off
(VCC = 0V). The receivers’ Schmitt trigger input stage uses
hysteresis (even in powerdown) to increase noise immunity
and decrease errors due to slow input signal transitions.
The ISL8563 inverting receivers disable only when EN is
driven high. Standard receivers driving powered down
peripherals must be disabled to prevent current flow through
the peripheral’s protection diodes (see Figures 4 and 5).
Powerdown Functionality
This 3V device requires a nominal supply current of 0.3mA
during normal operation (not in powerdown mode). This is
considerably less than the 5mA to 11mA current required by
5V devices. The already low current requirement drops
significantly when the device enters powerdown mode. In
powerdown, supply current drops to 1
µA, because the on-
chip charge pump turns off (V+ collapses to VCC,V-
collapses to GND), the transmitter outputs three-state, and
the transmitter input pull-ups disable. This micro-power
mode makes the ISL8563 ideal for battery powered and
portable applications.
Software Controlled (Manual) Powerdown
The ISL8563, is forced into its low power, stand by state via
a simple shutdown (SHDN) pin. Driving this pin high enables
normal operation, while driving it low forces the IC into its
powerdown state. Connect SHDN to VCC if the powerdown
function isn’t needed. Note that all the receiver outputs
remain enabled during shutdown (see Table 2). For the
lowest power consumption during powerdown, the receivers
should also be disabled by driving the EN input high (see
next section, and Figures 4 and 5). The time required to exit
powerdown, and resume transmission is less than 30
µs.
Receiver ENABLE Control
ThedevicealsofeaturesanEN input to control the receiver
outputs. Driving EN high disables all the receiver outputs
placing them in a high impedance state. This is useful to
eliminate supply current, due to a receiver output forward
biasing the protection diode, when driving the input of a
powereddown(VCC = GND) peripheral (see Figure 4). The
enable input has no effect on transmitters.
RXOUT
GND
≤ VROUT ≤ VCC
5k
RXIN
-25V
≤ VRIN ≤ +25V
GND
VCC
FIGURE 3. INVERTING RECEIVER CONNECTIONS
TABLE 2. POWERDOWN AND ENABLE LOGIC TRUTH TABLE
SHDN INPUT
EN INPUT
TRANSMITTER OUTPUTS
RECEIVER OUTPUTS
MODE OF OPERATION
L
L
High-Z
Active
Manual Powerdown
L
H
High-Z
High-Z
Manual Powerdown w/Rcvr. Disabled
H
L
Active
Active
Normal Operation
H
H
Active
High-Z
Normal Operation w/Rcvr. Disabled
ISL8563


Similar Part No. - ISL8563IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563E INTERSIL-ISL8563E Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563ECB INTERSIL-ISL8563ECB Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563ECB-T INTERSIL-ISL8563ECB-T Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563E INTERSIL-ISL8563E_04 Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
More results

Similar Description - ISL8563IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563E INTERSIL-ISL8563E_04 Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com