Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20056BM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R2A20056BM
Description  Lithium-Ion Battery Charger IC with Auto Load Current Distribution
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20056BM Datasheet(HTML) 4 Page - Renesas Technology Corp

  R2A20056BM_15 Datasheet HTML 1Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 2Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 3Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 4Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 5Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 6Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
R2A20056BM
Apr 15,2013
R03DS0075EJ0100 Rev. 1.23
Page 4 of 37
*1 Within 200µs
*2 This value is at 75mm x 75mm x 1mm of FR4 board with 4 layers at Ta=25 degC.
It depends on the board condition.
(Ta=25degC, unless otherwise specified.)
(Ta=25degC, unless otherwise specified.)
Absolute maximum ratings
Recommended operating condition
Symbol
Items
Ratings
Unit
Vmax
Input voltage
IN
-0.3 to 25
V
Other Pin
-0.3 to 6.5
V
IINmax
Input current
IN
2.5
A
IN (peak) *1
4.0
A
Iomax
Output current
SYS
2.5
A
SYS (peak) *1
4.0
A
BAT
2.5
A
BAT (peak) *1
4.0
A
THVDD
1
mA
Iosmax
Output sink current
/STAT,/POK
15
mA
Topr
Operating temperature range
-30 to 85
degC
Tstg
Storage temperature range
-40 to 125
degC
Tj
Junction temperature
-30 to 125
degC
Pd
Power dissipation *2
2.12
W
Symbol
Items
Min
Max
Unit
VIN
IN input voltage
4.5
5.5
V
IIN
IN input current
-
1.5
A
ISYS
SYS output current
-
2
A
IBAT
BAT output current
-
2
A
ICHG
Charge current
-
1
A
Tj
Junction temperature
-30
125
degC
RICHG
Resistor value for setting charge current
1.6
24
Kohm


Similar Part No. - R2A20056BM_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
R2A20052NS RENESAS-R2A20052NS_15 Datasheet
555Kb / 20P
   Lithium-Ion Battery Charger IC with Auto load current distribution
More results

Similar Description - R2A20056BM_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20052NS RENESAS-R2A20052NS_15 Datasheet
555Kb / 20P
   Lithium-Ion Battery Charger IC with Auto load current distribution
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
logo
New Japan Radio
NJW4100 NJRC-NJW4100 Datasheet
280Kb / 19P
   Lithium-ion Battery Charger Controller IC with Timer
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Semtech Corporation
SC806 SEMTECH-SC806 Datasheet
413Kb / 13P
   Miniature High Current Lithium-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com