Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7316 Datasheet(PDF) 8 Page - Analog Devices

Part # ADT7316
Description  0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7316 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADT7316_15 Datasheet HTML 4Page - Analog Devices ADT7316_15 Datasheet HTML 5Page - Analog Devices ADT7316_15 Datasheet HTML 6Page - Analog Devices ADT7316_15 Datasheet HTML 7Page - Analog Devices ADT7316_15 Datasheet HTML 8Page - Analog Devices ADT7316_15 Datasheet HTML 9Page - Analog Devices ADT7316_15 Datasheet HTML 10Page - Analog Devices ADT7316_15 Datasheet HTML 11Page - Analog Devices ADT7316_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADT7316/ADT7317/ADT7318
Rev. B | Page 8 of 44
FUNCTIONAL BLOCK DIAGRAM
VDD
VALUE
REGISTER
EXTERNAL TEMPERATURE
VALUE REGISTER
A-TO-D
CONVERTER
INTERNAL TEMPERATURE
VALUE REGISTER
ON-CHIP
TEMPERATURE
SENSOR
ANALOG
MUX
LIMIT
COMPARATOR
DAC A
REGISTERS
DAC B
REGISTERS
DAC C
REGISTERS
DAC D
REGISTERS
GAIN
SELECT
LOGIC
POWER-
DOWN
LOGIC
D+
D–
SMBus/SPI INTERFACE
CS SCL/SCLK
SDA/DIN DOUT/ADD
INT/INT
STATUS
REGISTERS
VDD
SENSOR
VDD
GND
INTERNAL
REFERENCE
VREF-AB
VREF-CD
LDAC
7
8
6
5
4
13
12
11
9
3
14
10
VOUT-D
15
VOUT-C
16
VOUT-B
1
VOUT-A
2
STRING
DAC A
STRING
DAC B
STRING
DAC C
STRING
DAC D
ADT7316/
ADT7317/
ADT7318
ADDRESS POINTER
REGISTER
THIGH LIMIT
REGISTERS
TLOW LIMIT
REGISTERS
VDD LIMIT
REGISTERS
CONTROL CONFIG. 1
REGISTER
CONTROL CONFIG. 3
REGISTER
CONTROL CONFIG. 2
REGISTER
DAC CONFIGURATION
REGISTER
LDAC CONFIGURATION
REGISTER
INTERRUPT MASK
REGISTERS
Figure 8.


Similar Part No. - ADT7316_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7316ARQ AD-ADT7316ARQ Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7316ARQ AD-ADT7316ARQ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7316ARQ-REEL AD-ADT7316ARQ-REEL Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7316ARQ-REEL7 AD-ADT7316ARQ-REEL7 Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7316ARQZ AD-ADT7316ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
More results

Similar Description - ADT7316_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
logo
Analog Devices
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com