Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7318 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7318
Description  0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7318 Datasheet(HTML) 5 Page - Analog Devices

  ADT7318_15 Datasheet HTML 1Page - Analog Devices ADT7318_15 Datasheet HTML 2Page - Analog Devices ADT7318_15 Datasheet HTML 3Page - Analog Devices ADT7318_15 Datasheet HTML 4Page - Analog Devices ADT7318_15 Datasheet HTML 5Page - Analog Devices ADT7318_15 Datasheet HTML 6Page - Analog Devices ADT7318_15 Datasheet HTML 7Page - Analog Devices ADT7318_15 Datasheet HTML 8Page - Analog Devices ADT7318_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ADT7316/ADT7317/ADT7318
Rev. B | Page 5 of 44
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
DIGITAL OUTPUT
Output High Voltage, VOH
2.4
V
ISOURCE = ISINK = 200 μA.
Output Low Voltage, VOL
0.4
V
IOL = 3 mA.
Output High Current, IOH
1
mA
VOH = 5 V.
Output Capacitance, COUT
50
pF
INT/INT Output Saturation Voltage
0.8
V
IOUT = 4 mA.
I2C TIMING CHARACTERISTICS7, 8
Serial Clock Period, t1
2.5
μs
Fast-mode I2C. See
Figure 4.
Data In Setup Time to SCL High, t2
50
ns
Data Out Stable After SCL Low, t3
0
ns
See
Figure 4.
SDA Low Setup Time to SCL Low
(Start Condition), t4
50
ns
See
Figure 4.
SDA High Hold Time After SCL High
(Stop Condition), t5
50
ns
See
Figure 4.
SDA and SCL Fall Time, t6
300
ns
See
Figure 4.
SDA and SCL Rise Time, t6
3009
ns
See
Figure 4.
SPI TIMING CHARACTERISTICS10, 11
CS to SCLK Setup Time, t1
0
ns
See
Figure 7.
SCLK High Pulse Width, t2
50
ns
See
Figure 7.
SCLK Low Pulse Width, t3
50
ns
See
Figure 7.
Data Access Time After SCLK Falling
Edge, t412
35
ns
See
Figure 7.
Data Setup Time Prior to SCLK
Rising Edge, t5
20
ns
See
Figure 7.
Data Hold Time after SCLK Rising
Edge, t6
0
ns
See
Figure 7.
CS to SCLK Hold Time, t7
0
ns
See
Figure 7.
CS to DOUT High Impedance, t8
40
ns
See
Figure 7.
POWER REQUIREMENTS
VDD
2.7
5.5
V
VDD Settling Time
50
ms
VDD settles to within 10% of its final voltage level.
IDD (Normal Mode)13
3
mA
VDD = 3.3 V, VIH = VDD, and VIL = GND.
2.2
3
mA
VDD = 5 V, VIH = VDD , and VIL = GND.
IDD (Power-Down Mode)
10
μA
VDD = 3.3 V, VIH = VDD, and VIL = GND.
10
μA
VDD = 5 V, VIH = VDD, and VIL = GND.
Power Dissipation
10
mW
VDD = 3.3 V, using normal mode.
33
μW
VDD = 3.3 V, using shutdown mode.
1 See the Terminology section.
2 DC specifications tested with the outputs unloaded.
3 Linearity is tested using a reduced code range: ADT7316 (Code 115 to 4095); ADT7317 (Code 28 to 1023); ADT7318 (Code 8 to 255).
4 A round robin is the continuous sequential measurement of the following three channels: VDD, internal temperature, and external temperature.
5 Guaranteed by design and characterization, but not production tested.
6 For the amplifier output to reach its minimum voltage, the offset error must be negative. For the amplifier output to reach its maximum voltage, VREF = VDD, offset plus
gain error must be positive.
7 The SDA and SCL timing is measured with the input filters turned on to meet the fast-mode I2C specification. Switching off the input filters improves the transfer rate,
but has a negative effect on the EMC behavior of the part.
8 Guaranteed by design. Not tested in production.
9 The interface is also capable of handling the I2C standard mode rise time specification of 1000 ns.
10 Guaranteed by design and characterization, but not production tested.
11 All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
12 Measured with the load circuit of Figure 5.
13 IDD specification is valid for all DAC codes. Interface inactive. All DACs active. Load currents excluded.


Similar Part No. - ADT7318_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7318ARQ AD-ADT7318ARQ Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7318ARQ AD-ADT7318ARQ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7318ARQ-REEL AD-ADT7318ARQ-REEL Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7318ARQ-REEL7 AD-ADT7318ARQ-REEL7 Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
More results

Similar Description - ADT7318_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
logo
Analog Devices
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com