Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITF87008DQT Datasheet(PDF) 4 Page - Intersil Corporation

Part # ITF87008DQT
Description  7.0A, 20V, 0.023 Ohm, Dual N-Channel, 2.5V Specified Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ITF87008DQT Datasheet(HTML) 4 Page - Intersil Corporation

  ITF87008DQT Datasheet HTML 1Page - Intersil Corporation ITF87008DQT Datasheet HTML 2Page - Intersil Corporation ITF87008DQT Datasheet HTML 3Page - Intersil Corporation ITF87008DQT Datasheet HTML 4Page - Intersil Corporation ITF87008DQT Datasheet HTML 5Page - Intersil Corporation ITF87008DQT Datasheet HTML 6Page - Intersil Corporation ITF87008DQT Datasheet HTML 7Page - Intersil Corporation ITF87008DQT Datasheet HTML 8Page - Intersil Corporation ITF87008DQT Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
FIGURE 6. TRANSFER CHARACTERISTICS
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
10
40
1
10
200
0.1
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TA = 25
oC
SINGLE PULSE
100
RθJA = 230
oC/W
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
1
0
10
15
20
25
0.5
1.0
1.5
2.0
2.5
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 25
oC
TJ = 150
oC
TJ = -55
oC
5
10
15
20
25
0
0.5
1.0
2.0
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 1.5V
TA = 25
oC
VGS = 2.0V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 4.5V
VGS = 3.0V
VGS = 2.5V
1.5
5
ID = 1A
15
20
40
12345
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 7A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
25
30
35
0.6
1.0
1.4
1.6
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 4.5V, ID = 7A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.8
1.2
0.4
0.8
1.0
1.4
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.6
1.2
ITF87008DQT


Similar Part No. - ITF87008DQT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87012SVT INTERSIL-ITF87012SVT Datasheet
249Kb / 12P
   6A, 20V, 0.035 Ohm, N-Channel, 2.5V Specified Power MOSFET
ITF87052SVT INTERSIL-ITF87052SVT Datasheet
257Kb / 12P
   3A, 20V, 0.115 Ohm, P-Channel, 2.5V Specified Power MOSFET
ITF87056DQT INTERSIL-ITF87056DQT Datasheet
226Kb / 13P
   5A, 20V, 0.045 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
ITF87068SQT INTERSIL-ITF87068SQT Datasheet
197Kb / 12P
   9A, 20V, 0.015 Ohm, P-Channel, 2.5V Specified Power MOSFET
ITF87072DK8T INTERSIL-ITF87072DK8T Datasheet
175Kb / 13P
   6A, 20V, 0.037 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
More results

Similar Description - ITF87008DQT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87012SVT INTERSIL-ITF87012SVT Datasheet
249Kb / 12P
   6A, 20V, 0.035 Ohm, N-Channel, 2.5V Specified Power MOSFET
logo
Will Semiconductor Ltd.
WNMD2172 WILLSEMI-WNMD2172 Datasheet
1Mb / 8P
   Dual N-Channel, 20V, 7.0A, Power MOSFET
WNMD2158 WILLSEMI-WNMD2158 Datasheet
2Mb / 8P
   Dual N-Channel, 20V, 7.0A, Power MOSFET
logo
Intersil Corporation
ITF87056DQT INTERSIL-ITF87056DQT Datasheet
226Kb / 13P
   5A, 20V, 0.045 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
ITF87072DK8T INTERSIL-ITF87072DK8T Datasheet
175Kb / 13P
   6A, 20V, 0.037 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
ITF87052SVT INTERSIL-ITF87052SVT Datasheet
257Kb / 12P
   3A, 20V, 0.115 Ohm, P-Channel, 2.5V Specified Power MOSFET
ITF87068SQT INTERSIL-ITF87068SQT Datasheet
197Kb / 12P
   9A, 20V, 0.015 Ohm, P-Channel, 2.5V Specified Power MOSFET
logo
Fairchild Semiconductor
FDMA420NZ FAIRCHILD-FDMA420NZ Datasheet
336Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30m Ohm
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com