Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84544CB Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL84544CB
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84544CB Datasheet(HTML) 4 Page - Intersil Corporation

  ISL84544CB Datasheet HTML 1Page - Intersil Corporation ISL84544CB Datasheet HTML 2Page - Intersil Corporation ISL84544CB Datasheet HTML 3Page - Intersil Corporation ISL84544CB Datasheet HTML 4Page - Intersil Corporation ISL84544CB Datasheet HTML 5Page - Intersil Corporation ISL84544CB Datasheet HTML 6Page - Intersil Corporation ISL84544CB Datasheet HTML 7Page - Intersil Corporation ISL84544CB Datasheet HTML 8Page - Intersil Corporation ISL84544CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
Input Voltages
IN (Note 3). . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
NO, NC (Note 3) . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Output Voltages
COM (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 10mA
Peak Current, IN, NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . . 20mA
ESD Rating (Per MIL-STD-883 Method 3015). . . . . . . . . . . . . .>2kV
Operating Conditions
Temperature Range
ISL8454XCX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
ISL8454XIX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 4)
θJA (oC/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
8 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
215
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . .
210
8 LD SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
170
8 LD PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . .
140
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Moisture Sensitivity (See Technical Brief TB363)
All Other Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
8 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 2
Maximum Storage Temperature Range. . . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC, MSOP and SOT-23 - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. Signals on NC, NO, COM, or IN exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current ratings.
4.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 6)
TYP
MAX
(NOTE 6) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3.5V,
See Figure 5
25
-
30
60
Full
-
-
75
RON Matching Between Channels,
∆R
ON
V+ = 5V, ICOM = 1.0mA, VNO or VNC= 3.5V
25
-
0.8
2
Full
-
-
4
RON Flatness, RFLAT(ON)
V+ = 5V, ICOM = 1.0mA, VNO or VNC = 1V, 2V, 3V
Full
-
7
8
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 4.5V, 1V,
Note 7
25
-0.1
0.01
0.1
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 5.5V, VCOM = 4.5V, 1V, VNO or VNC = 1V, 4.5V,
Note 7
25
-0.1
-
0.1
nA
Full
-5
-
5
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 5.5V, VCOM = 1V, 4.5V, or VNO or VNC = 1V,
4.5V, or Floating, Note 7
25
-0.2
-
0.2
nA
Full
-10
-
10
nA
ISL84541, ISL84542, ISL84543, ISL84544


Similar Part No. - ISL84544CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84544CB INTERSIL-ISL84544CB Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL84544CB-T INTERSIL-ISL84544CB-T Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL84544CBZ INTERSIL-ISL84544CBZ Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL84544CBZ-T INTERSIL-ISL84544CBZ-T Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL84544CB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com