Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD1035C Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MBRD1035C
Description  Schottky Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MBRD1035C Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MBRD1035C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MBRD1035C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MBRD1035C Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Schottky Diodes
MBRD1035C (KBRD1035C)
Typical Characterisitics
Figure 1. Typical Forward Voltage Per Leg
Figure 2. Maximum Forward Voltage Per Leg
Figure 3. Typical Reverse Current Per Leg
1.10
0.10
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
10
VR, REVERSE VOLTAGE (VOLTS)
35
0
100E-6
1E-6
1.0
0.50
0.30
0.70
0.90
10
20
30
10E-3
100E-3
0.1
1E-3
10E-6
TJ = 25°
C
TJ= 100°
C
TJ = 125°
C
TJ= - 40°
C
TJ = 125°
C
Figure 4. Maximum Reverse Current Per Leg
1.10
0.10
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
10
1.0
0.50
0.30
0.70
0.90
0.1
TJ = 25°C
TJ = 100°
C
TJ= 125°
C
1E+0
TJ = 100°
C
TJ = 25°
C
VR, REVERSE VOLTAGE (VOLTS)
35
0
100E-6
1E-6
10
20
30
10E-3
100E-3
1E-3
10E-6
TJ = 125°
C
1E+0
TJ = 100°
C
TJ = 25°
C
Figure 5. Current Derating Per Leg
Figure 6. Forward Power Dissipation Per Leg
120
0
TL, LEAD TEMPERATURE (°C)
8.0
7.0
5.0
6.0
4.0
3.0
2.0
1.0
60
20
40
80
100
140
0
freq = 20 kHz
Ipk/Io=
I pk/Io= 20
dc
SQUARE WAVE
(50% DUTY CYCLE)
IO, AVERAGE FORWARD CURRENT (AMPS)
1.0
0
4.0
3.0
2.0
1.0
0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
3.5
2.5
1.5
0.5
Ipk /Io= 20
SQUARE WAVE
(50% DUTY CYCLE)
dc
I pk/Io= 10
Ipk /Io= 5
Ipk /Io= 10
I pk/Io= 5
I pk/Io=


Similar Part No. - MBRD1035C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD1035CTL MOTOROLA-MBRD1035CTL Datasheet
158Kb / 6P
   SWITCHMODE??Schottky Rectifier D2PAK Power Surface Mount Package
logo
Diodes Incorporated
MBRD1035CTL DIODES-MBRD1035CTL Datasheet
63Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30286 Rev. B-2
logo
ON Semiconductor
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
104Kb / 6P
   SWITCHMODE Schottky Power Rectifier
August, 2004 ??Rev. 3
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
117Kb / 6P
   SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 7
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
74Kb / 6P
   Switch-mode Schottky Power Rectifier
October, 2016 ??Rev. 11
More results

Similar Description - MBRD1035C

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com