Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YSMDAXXC-7 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # YSMDAXXC-7
Description  BIDIRECTIONAL TVS ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSMDAXXC-7 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSMDAXXC-7 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSMDAXXC-7 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSMDAXXC-7 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.03 20141209
DEVICE CHARACTERISTICS
Storage Temperature Range
TSTG
-55 ~ 150
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
-55 ~ 150
Lead Soldering Temperature
Operating Temperature Range
SYMBOL
VALUE
PPP
300
Watts
PARAMETER
TL
260 (10 sec.)
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.) (Max.)
IR
CT
40
450
YSMDA05C-7
SMDA
05C-7
5.0
6.0
1
9.8
20
17
5
350
YSMDA03C-7
SMDA
03C-7
3.3
VC
IT
VB
PART NUMBER
DEVICE
MARKING
VRWM
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
VC
4.5
1
7.5
10.5
20
13.4
24
14
1
190
YSMDA08C-7
SMDA
08C-7
8.0
8.5
1
19
35
12
1
120
YSMDA12C-7
SMDA
12.0
13.3
1
19
35
12
1
120
YSMDA12C-7
SMDA
12C-7
12.0
13.3
1
24
40
10
1
75
YSMDA15C-7
SMDA
15C-7
15.0
16.7
1
43
56
5
1
50
YSMDA24C-7
SMDA
24C-7
24.0
26.7
1
YSMDAxxC-7 Series


Similar Part No. - YSMDAXXC-7

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSMDAXXC YEASHIN-YSMDAXXC Datasheet
831Kb / 3P
   BIDIRECTIONAL TVS ARRAY
More results

Similar Description - YSMDAXXC-7

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSMDAXXC YEASHIN-YSMDAXXC Datasheet
831Kb / 3P
   BIDIRECTIONAL TVS ARRAY
logo
Microsemi Corporation
LCV01-6 MICROSEMI-LCV01-6 Datasheet
86Kb / 2P
   Bidirectional TVS Array
logo
Rectron Semiconductor
TEPM24CV RECTRON-TEPM24CV Datasheet
321Kb / 4P
   Bidirectional TVS Diode Array
logo
Shanghai Leiditech Elec...
SMDA05C LEIDITECH-SMDA05C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA12C LEIDITECH-SMDA12C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA15C LEIDITECH-SMDA15C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA24C LEIDITECH-SMDA24C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
logo
Yea Shin Technology Co....
YSMXXLC YEASHIN-YSMXXLC Datasheet
756Kb / 3P
   Bidirectional TVS Diode Array
YSESDA0502CT3 YEASHIN-YSESDA0502CT3 Datasheet
644Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY
logo
Protek Devices
SMDB712C PROTEC-SMDB712C Datasheet
445Kb / 6P
   BIDIRECTIONAL ASYMMETRICAL TVS ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com