Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC636 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC636
Description  Plastic Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC636 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC636_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC636_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-Jun-2002 Rev. A
Page 1 of
2
01
Elektronische Bauelemente
BC636/638/640
PNP Type
Power Dissipation:
PCM: 0.83 mW (Tamb=25 C)
PARAMETERS
SYMBOL
TEST CONDITIONS
UNIT
Collector - emitter breakdown voltage
Collector - emitter saturation voltage
Base - emitter voltage
Transition frequency
Collector cut-off current
Emitter cut-off current
DC current gain
o
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise specified)
V(BR)CEO
VCE(sat)
VBE(ON)
f T
ICBO
IEBO
hFE(1)
hFE(2)
hFE(3)
BC636
BC636-10
IC=10mA, IB=0
VCB=-30V, IE=0
VCE=-2V, IC=-5mA
VCE=-2V, IC=-150mA
VCE=-2V, IC=-500mA
IC=-500mA, IB=-50mA
VCE=-2V, IC=-500mA
VCE=-5V, IC=-50mA, f=100MHz
VEB=-5V, IB=0
BC638
BC636-16, BC638-16, BC640-16
BC636-10
63-160
100-250
BC636-16, BC638-16, BC640-16
BC640
V
V
V
TYP
100
MAX
-0.1
-0.1
-0.5
-1
160
250
MIN
-45
-60
-80
40
63
100
25
V
V
MHz
µA
µA
RANK
RANGE
CLASSIFICATION OF hFE(2)
BC636
BC638
BC640
BC636
BC638
BC640
o
MAXIMUM RATINGS
FEATURE
(TA=25 C unless otherwise specified)
PARAMETERS
SYMBOLS
VALUES
UNIT
Collector - Emitter Voltage
Collector - Base Voltage
Emitter - Base Voltage
Collector Current - Continuous
Collector Power Dissipation
Junction, Storage Temperature
Thermal Resistance from Junction to Ambient
o
VCEO
VCBO
VEBO
IC
IB
ICP
RθJA*
TJ,TSTG
V
V
V
V
V
V
V
A
A
mA
K/w
C
o
-45
-60
-80
-45
-60
-100
-5
-1
-1.5
100
150
150, -65 ~ 150
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Plastic Encapsulate Transistors
4.55±0.2
3.5±0.2
2.54±0.1
(1.27 Typ.)
0.46
+0.1
–0.1
0.43
+0.08
–0.07
13
2
1: Emitter
3: Base
2: Collector
1.25–0.2
+0.2
TO-92
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BC636_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC636-10 PHILIPS-BC636-10 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
logo
Micro Commercial Compon...
BC636-10 MCC-BC636-10 Datasheet
367Kb / 2P
   PNP Epitaxial Silicon Transistors
BC636-10 MCC-BC636-10 Datasheet
407Kb / 2P
   PNP Epitaxial Silicon Transistors
BC636-10 MCC-BC636-10_13 Datasheet
407Kb / 2P
   PNP Epitaxial Silicon Transistors
logo
NXP Semiconductors
BC636-16 PHILIPS-BC636-16 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
More results

Similar Description - BC636_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com