Electronic Components Datasheet Search |
|
BC856A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
BC856A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 3 page Any changing of specification will not be informed individual BC856A, B BC857A, B, C BC858A, B, C General Purpose Transistor PNP Type Collect current : - 0.1A Operating Temp. : -55OC ~ +150OC FEATURES C OLLE C TOR 3 1 BAS E 2 E MITTE R D Top View 1 2 3 RoHS compliant product n n n n Dim Min Max A 2.800 3.040 B 1.200 1.400 C 0.890 1.110 D 0.370 0.500 G 1.780 2.040 H 0.013 0.100 J 0.085 0.177 K 0.450 0.600 L 0.890 1.020 S 2.100 2.500 V 0.450 0.600 All Dimension in mm SOT-23 K J C H L A B S G V 3 1 2 http://www.SeCoSGmbH.com Elektronische Bauelemente ELECTRICAL CHARACTERISTICS Tamb=25 unless otherwise specified Parameter Symbol Test conditions MIN MAX UNIT Collector-base breakdown voltage BC856 BC857 BC858 VCBO Ic= -10 A I E=0 -80 -50 -30 V Collector-emitter breakdown voltage BC856 BC857 BC858 VCEO Ic= -10 mA IB=0 -65 -45 -30 V Emitter-base breakdown voltage VEBO IE= -10 A IC=0 -5 V Collector cut-off current BC856 BC857 BC858 ICBO VCB= -70 V , IE=0 VCB= -45 V , IE=0 VCB= -25 V , IE=0 -0.1 A Collector cut-off current BC856 BC857 BC858 ICEO VCE= -60 V , IB=0 VCE= -40 V , IB=0 VCE= -25 V , IB=0 -0.1 A Emitter cut-off current IEBO V EB=-5V , IC=0 -0.1 A DC current gain BC856A,857A,858A BC856B,857B,858B BC857C,BC858C HFE 1 VCE=-5V, IC=-2mA 125 220 420 250 475 800 Collector-emitter saturation voltage VCE(sat) IC=-100mA, IB= -5 mA -0.5 V Base-emitter saturation voltage VBE(sat) IC= -100 mA, IB= -5mA -1.1 V Transition frequency fT VCE=-5 V, IC= -10mA f=100MHz 100 MHz DEVICE MARKING BC856A=3A; BC856B=3B; BC857A=3E; BC857B=3F; BC857C=3G; BC858A=3J; BC858B=3K; BC858C=3L 01-Jun-200 4 Rev. B Page 1 of 3 A suffix of "-C" specifies halogen & lead-free |
Similar Part No. - BC856A_15 |
|
Similar Description - BC856A_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |