Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7128 Datasheet(PDF) 8 Page - Analog Devices

Part # ADUC7128
Description  Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7128 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUC7128_15 Datasheet HTML 4Page - Analog Devices ADUC7128_15 Datasheet HTML 5Page - Analog Devices ADUC7128_15 Datasheet HTML 6Page - Analog Devices ADUC7128_15 Datasheet HTML 7Page - Analog Devices ADUC7128_15 Datasheet HTML 8Page - Analog Devices ADUC7128_15 Datasheet HTML 9Page - Analog Devices ADUC7128_15 Datasheet HTML 10Page - Analog Devices ADUC7128_15 Datasheet HTML 11Page - Analog Devices ADUC7128_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
ADuC7128/ADuC7129
Rev. 0 | Page 8 of 92
TIMING SPECIFICATIONS
Table 2. External Memory Write Cycle
Parameter
Min
Typ
Max
Unit
CLK
UCLK
tMS_AFTER_CLKH
0
4
ns
tADDR_AFTER_CLKH
4
8
ns
tAE_H_AFTER_MS
½ CLK
tAE
(XMxPAR[14:12] + 1) × CLK
tHOLD_ADDR_AFTER_AE_L
½ CLK + (!XMxPAR[10]) × CLK
tHOLD_ADDR_BEFORE_WR_L
(!XMxPAR[8]) × CLK
tWR_L_AFTER_AE_L
½ CLK + (!XMxPAR[10] + !XMxPAR[8]) × CLK
tDATA_AFTER_WR_L
8
12
ns
tWR
(XMxPAR[7:4] + 1) × CLK
tWR_H_AFTER_CLKH
0
4
ns
tHOLD_DATA_AFTER_WR_H
(!XMxPAR[8]) × CLK
tBEN_AFTER_AE_L
½ CLK
tRELEASE_MS_AFTER_WR_H
(!XMxPAR[8] + 1) × CLK
CLK
CLK
tMS_AFTER_CLKH
tAE_H_AFTER_MS
tAE
tWR_L_AFTER_AE_L
MS
AE
WS
RS
A/D[15:0]
FFFF
9ABC
5678
9ABE
1234
BLE
BHE
A16
tWR
tWR_H_AFTER_CLKH
tHOLD_DATA_AFTER_WR_H
tHOLD_ADDR_AFTER_AE_L
tHOLD_ADDR_BEFORE_WR_L
tDATA_AFTER_WR_L
tBEN_AFTER_AE_L
tADDR_AFTER_CLKH
tRELEASE_MS_AFTER_WR_H
Figure 3. External Memory Write Cycle


Similar Part No. - ADUC7128_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7128BCPZ126-RL2 AD-ADUC7128BCPZ126-RL2 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7128BCPZ1262 AD-ADUC7128BCPZ1262 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7128BSTZ126-RL AD-ADUC7128BSTZ126-RL Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7128BSTZ126-RL2 AD-ADUC7128BSTZ126-RL2 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7128BSTZ1262 AD-ADUC7128BSTZ1262 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
More results

Similar Description - ADUC7128_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7129 AD-ADUC7129_15 Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
ADUC7128 AD-ADUC7128 Datasheet
743Kb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-bit ADC & DDS DAC
Rev. PrA
ADUC7128BSTZ126-RL AD-ADUC7128BSTZ126-RL Datasheet
1Mb / 92P
   Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com