Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1100 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM1100
Description  Coupler Digital Isolator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1100 Datasheet(HTML) 2 Page - Analog Devices

  ADUM1100_15 Datasheet HTML 1Page - Analog Devices ADUM1100_15 Datasheet HTML 2Page - Analog Devices ADUM1100_15 Datasheet HTML 3Page - Analog Devices ADUM1100_15 Datasheet HTML 4Page - Analog Devices ADUM1100_15 Datasheet HTML 5Page - Analog Devices ADUM1100_15 Datasheet HTML 6Page - Analog Devices ADUM1100_15 Datasheet HTML 7Page - Analog Devices ADUM1100_15 Datasheet HTML 8Page - Analog Devices ADUM1100_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADuM1100
Data Sheet
Rev. I | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 3
 
Specifications..................................................................................... 4
 
Electrical Specifications—5 V Operation ................................. 4
 
Electrical Specifications—3.3 V Operation .............................. 6
 
Electrical Specifications—Mixed 5 V/3 V or 3 V/5 V
Operation....................................................................................... 8
 
Package Characteristics ............................................................. 10
 
Regulatory Information............................................................. 10
 
Insulation and Safety-Related Specifications.......................... 10
 
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
Insulation Characteristics.......................................................... 11
 
Recommended Operating Conditions .................................... 11
 
Absolute Maximum Ratings ......................................................... 12
 
ESD Caution................................................................................ 12
 
Pin Configuration and Function Descriptions........................... 13
 
Typical Performance Characteristics ........................................... 14
 
Application Information................................................................ 16
 
PC Board Layout ........................................................................ 16
 
Propagation Delay-Related Parameters................................... 16
 
Method of Operation, DC Correctness, and Magnetic
Field Immunity ........................................................................... 17
 
Power Consumption .................................................................. 18
 
Outline Dimensions ....................................................................... 19
 
Ordering Guide .......................................................................... 19
 


Similar Part No. - ADUM1100_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100AR AD-ADUM1100AR Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADuM1100AR AD-ADuM1100AR Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100AR-RL7 AD-ADUM1100AR-RL7 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADuM1100AR-RL7 AD-ADuM1100AR-RL7 Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100ARWZ AD-ADUM1100ARWZ Datasheet
253Kb / 8P
   ESD/Latch-Up Considerations with iCoupler짰 Isolation Products
REV. 0
More results

Similar Description - ADUM1100_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADUM1100ARZ AD-ADUM1100ARZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
[Old version datasheet]   DUAL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com