Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HITJ0204MP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HITJ0204MP
Description  ??0V, ??.6A, 280m?뾪ax Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HITJ0204MP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HITJ0204MP_15 Datasheet HTML 1Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 2Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 3Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 4Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 5Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 6Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HITJ0204MP
Preliminary
R07DS0476EJ0200 Rev.2.00
Page 2 of 6
May 09, 2013
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
–20
V
ID = –10 mA, VGS = 0
V(BR)GSS
+8
V
IG = +100 A, VDS = 0
Gate to source breakdown voltage
V(BR)GSS
–12
V
IG = –100 A, VDS = 0
IGSS
+10
A
VGS = +6 V, VDS = 0
Gate to source leak current
IGSS
–10
A
VGS = –10 V, VDS = 0
Drain to source leak current
IDSS
–1
A
VDS = –20 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
–0.4
–1.4
V
VDS = –10 V, ID = –1 mA
RDS(on)
219
280
m
ID = –0.8 A, VGS = –4.5 V
Note3
Drain to source on state resistance
RDS(on)
363
510
m
ID = –0.8 A, VGS = –2.5 V
Note3
Forward transfer admittance
|yfs|
1.3
1.9
S
ID = –0.8 A, VDS = –10 V
Note3
Input capacitance
Ciss
153
pF
Output capacitance
Coss
37
pF
Reverse transfer capacitance
Crss
31
pF
VDS = –10 V
VGS = 0
f = 1 MHz
Turn - on delay time
td(on)
14
ns
Rise time
tr
33
ns
Turn - off delay time
td(off)
24
ns
Fall time
tf
8
ns
ID = –0.8 A
VGS = –4.5 V
RL = 12.5 
Rg = 4.7
Total gate charge
Qg
2.2
nC
Gate to source charge
Qgs
0.5
nC
Gate to drain charge
Qgd
0.9
nC
VDD = –10 V
VGS = –4.5 V
ID = –1.6A
Body - drain diode forward voltage
VDF
–0.85
–1.1
V
IF = –1.6 A, VGS = 0
Note3
Notes: 3. Pulse test


Similar Part No. - HITJ0204MP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITJ0204MP RENESAS-HITJ0204MP_13 Datasheet
106Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - HITJ0204MP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITJ0303MP RENESAS-HITJ0303MP_15 Datasheet
107Kb / 7P
   ??0V, ??.3A, 68m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP_15 Datasheet
105Kb / 7P
   ??0V, ??.4A, 69m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0302MP RENESAS-HITJ0302MP_15 Datasheet
102Kb / 7P
   ??0V, ??.2A, 173m?뾪ax Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_15 Datasheet
105Kb / 7P
   ??0V, ??.1A , 180m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0202MP RENESAS-HITJ0202MP_15 Datasheet
106Kb / 7P
   ??0V, ??.7A, 105m?뾪ax Silicon P Channel MOS FET Power Switching
HITK0202MP RENESAS-HITK0202MP_15 Datasheet
105Kb / 7P
   20V, 3.8A, 55m?뾪ax. Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_15 Datasheet
104Kb / 7P
   20V, 2.9A, 90m?뾪ax Silicon N Channel MOS FET Power Switching
HITK0201MP RENESAS-HITK0201MP_15 Datasheet
105Kb / 7P
   20V, 4.5A, 39m?뾪ax. Silicon N Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com