Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM2250 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM2250
Description  Hot Swappable, Dual IC Isolators, 5 kV
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM2250 Datasheet(HTML) 2 Page - Analog Devices

  ADUM2250_15 Datasheet HTML 1Page - Analog Devices ADUM2250_15 Datasheet HTML 2Page - Analog Devices ADUM2250_15 Datasheet HTML 3Page - Analog Devices ADUM2250_15 Datasheet HTML 4Page - Analog Devices ADUM2250_15 Datasheet HTML 5Page - Analog Devices ADUM2250_15 Datasheet HTML 6Page - Analog Devices ADUM2250_15 Datasheet HTML 7Page - Analog Devices ADUM2250_15 Datasheet HTML 8Page - Analog Devices ADUM2250_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADuM2250/ADuM2251
Data Sheet
Rev. C | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Package Characteristics ............................................................... 5
Regulatory Information............................................................... 5
Insulation and Safety-Related Specifications............................ 5
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 Insulation
Characteristics .............................................................................. 6
Recommended Operating Conditions ...................................... 6
Absolute Maximum Ratings ............................................................7
ESD Caution...................................................................................7
Pin Configuration and Function Descriptions..............................8
Test Conditions..................................................................................9
Applications Information .............................................................. 10
Functional Description.............................................................. 10
Startup.......................................................................................... 11
Capacitive Load at Low Speeds ................................................ 11
Magnetic Field Immunity.......................................................... 12
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 14
Automotive Products................................................................. 14
REVISION HISTORY
4/14—Rev. B to Rev. C
Changes to Features Section............................................................ 1
Added Capacitive Load at Low Speeds Section.......................... 11
Changes to Ordering Guide .......................................................... 14
Added Automotive Products Section .......................................... 14
3/13—Rev. A to Rev. B
Created Hyperlink for Safety and Regulatory Approvals
Entry in Features Section................................................................. 1
Changes to Features Section............................................................ 1
Changes to Table 4............................................................................ 5
Changes to DIN V VDE V 0884-10
(VDE V 0884-10):2006-12 Section and Table 6 ........................... 6
Reformatted Table 8 ......................................................................... 7
Changes to Figure 4, Table 9, and Table 10 ................................... 8
Moved Test Conditions Section...................................................... 9
Changes to Functional Description Section ............................... 10
Changes to Captions of Figure 8 and Figure 9............................ 11
9/11—Rev. 0 to Rev. A
Added 16-Lead SOIC.........................................................Universal
Changes to Features Section and Endnote 1..................................1
Changes to Table 4 and Table 5 .......................................................6
Changes to Endnote 1 in Table 7.....................................................7
Changes to Functional Description Section and Figure 7 ........ 10
Updated Outline Dimensions....................................................... 13
Changes to Ordering Guide.......................................................... 13
4/07—Revision 0: Initial Version


Similar Part No. - ADUM2250_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
More results

Similar Description - ADUM2250_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2251 AD-ADUM2251_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
ADUM1251 AD-ADUM1251_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com