Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRISM1BRDA Datasheet(PDF) 5 Page - Intersil Corporation

Part # PRISM1BRDA
Description  OEM Wireless Local Area Network PC Card
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

PRISM1BRDA Datasheet(HTML) 5 Page - Intersil Corporation

  PRISM1BRDA Datasheet HTML 1Page - Intersil Corporation PRISM1BRDA Datasheet HTML 2Page - Intersil Corporation PRISM1BRDA Datasheet HTML 3Page - Intersil Corporation PRISM1BRDA Datasheet HTML 4Page - Intersil Corporation PRISM1BRDA Datasheet HTML 5Page - Intersil Corporation PRISM1BRDA Datasheet HTML 6Page - Intersil Corporation PRISM1BRDA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-5
RF SYSTEM SPECIFICATION
Antenna Gain
AG
Max
-
2.5
-
dBi
ElRP
ElRP
-
20
-
dBm
Receive Sensitivity
RX_S
8% PER, 2mB/s
-
-88
-
dBm
Maximum Receive Level
RX_MAX
PER <8%
-
-4
-
dBm
Third Order Intercept Point (Input)
IIP3
-
-24
-
dBm
Image Rejection
IR
PER <8%
-
65
-
dB
IF Rejection
IFR
PER <8%
-
80
-
dB
Adjacent Channel Rejection
ACPR
PER <8% (Note 7)
-
63
-
(dB)
Noise Figure RF Front End
NF
-
8
-
dB
Data Rate (Physical Layer)
Rate
-
1 and 2
-
Mb/s
Data Rate (PC to PC)
THRGH
DQPSK 2Mb mode
-
1.2
-
Mb/s
NOTES:
6. Refer to Application Note “PRISM Power Management Modes” AN9665.
7. The adjacent channel measurement is carried out on two channels specially separated by 25MHz (5 channels).
Electrical Specifications
Test conditions supply voltage: 5V
±5%, TA = 25oC (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PRISM1BRDA


Similar Part No. - PRISM1BRDA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRISM-0700W ETC2-PRISM-0700W Datasheet
407Kb / 1P
   Multitouch projective capacitive touch LCD
PRISM-0700W-START ETC2-PRISM-0700W-START Datasheet
407Kb / 1P
   Multitouch projective capacitive touch LCD
logo
Intersil Corporation
PRISM24GHZCHIPSET INTERSIL-PRISM24GHZCHIPSET Datasheet
27Kb / 2P
   Direct Sequence Spread Spectrum Wireless Transceiver Chip Set
More results

Similar Description - PRISM1BRDA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
ISL37300P-EVAL INTERSIL-ISL37300P-EVAL Datasheet
119Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network PC Card
HWB3163-EVAL INTERSIL-HWB3163-EVAL Datasheet
127Kb / 6P
   PRISM II??11Mbps Wireless Local Area Network PC Card
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
   PRISM 3 11Mbps Wireless Local Area Network PCMCIA
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
   PRISM 54Mbps Wireless Local Area Network Access Point
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
   PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
ISL36356A-APDK INTERSIL-ISL36356A-APDK Datasheet
150Kb / 7P
   PRISM 11Mbps Wireless Local Area Network Access Point
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com