Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0629DPE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0629DPE
Description  60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0629DPE Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0629DPE_15 Datasheet HTML 1Page - Renesas Technology Corp RJK0629DPE_15 Datasheet HTML 2Page - Renesas Technology Corp RJK0629DPE_15 Datasheet HTML 3Page - Renesas Technology Corp RJK0629DPE_15 Datasheet HTML 4Page - Renesas Technology Corp RJK0629DPE_15 Datasheet HTML 5Page - Renesas Technology Corp RJK0629DPE_15 Datasheet HTML 6Page - Renesas Technology Corp RJK0629DPE_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0629DPE
Preliminary
R07DS1060EJ0200 Rev.2.00
Page 3 of 6
Apr 09, 2013
Main Characteristics
100
80
60
40
20
05
10
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
110
10
1
Drain Current
ID
(A)
Static Drain to Source on State Resistance
vs. Drain Current
100
100
Tc = 25
°C
Pulse Test
Tc = 25
°C
Pulse Test
VGS = 4.5 V
10 V
0
15
10
5
0
Gate to Source Voltage
VGS (V)
Static Drain to Source on State Resistance
vs. Gate to Source Voltage
20
8
412
16
20
200
150
100
50
0
50
100
150
200
Power vs. Temperature Derating
Case Temperature
Tc (°C)
0.01
100
10
0.1
1
0.1
1
10
100
1000
Tc = 25
°C
1 shot Pulse
Typical Transfer Characteristics
Gate to Source Voltage
VGS (V)
100
10
1
0.1
0.01
0.001
01
2
3
5
4
Tc = 175
°C
25
°C
−40°C
VDS = 10 V
Pulse Test
Tc = 175
°C
25
°C
−40°C
ID = 43 A
Pulse Test
VGS = 2.7 V
10 V
5 V
3 V
Operation in
this area is
limited by R
DS(on)


Similar Part No. - RJK0629DPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0629DPE RENESAS-RJK0629DPE_13 Datasheet
110Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
More results

Similar Description - RJK0629DPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0629DPE RENESAS-RJK0629DPE_13 Datasheet
110Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPN RENESAS-RJK0629DPN_13 Datasheet
108Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPK RENESAS-RJK0629DPK_15 Datasheet
109Kb / 7P
   60V, 85A, 4.5m??max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPN RENESAS-RJK0629DPN_15 Datasheet
108Kb / 7P
   60V, 85A, 4.5m??max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPK RENESAS-RJK0629DPK_13 Datasheet
109Kb / 7P
   60V, 85A, 4.5m max.N Channel Power MOS FET High-Speed Switching Use
RJK0659DPA RENESAS-RJK0659DPA_13 Datasheet
166Kb / 7P
   60V, 30A, 8.0m max. N Channel Power MOS FET High Speed Power Switching
RJK0657DPA RENESAS-RJK0657DPA_13 Datasheet
166Kb / 7P
   60V, 20A, 13.6m max. N Channel Power MOS FET High Speed Power Switching
RJK0658DPA RENESAS-RJK0658DPA_13 Datasheet
165Kb / 7P
   60V, 25A, 11.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0660DPA RENESAS-RJK0660DPA_13 Datasheet
166Kb / 7P
   60V, 40A, 5.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0629DPK RENESAS-RJK0629DPK Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com