Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7129 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7129_15 Datasheet HTML 5Page - Analog Devices ADV7129_15 Datasheet HTML 6Page - Analog Devices ADV7129_15 Datasheet HTML 7Page - Analog Devices ADV7129_15 Datasheet HTML 8Page - Analog Devices ADV7129_15 Datasheet HTML 9Page - Analog Devices ADV7129_15 Datasheet HTML 10Page - Analog Devices ADV7129_15 Datasheet HTML 11Page - Analog Devices ADV7129_15 Datasheet HTML 12Page - Analog Devices ADV7129_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADV7129
–9–
REV. 0
Mnemonic
Function
IOR, IOG, IOB
Red, Green & Blue Current Outputs (High Impedance Current Sources). These RGB video outputs are
specified to directly drive RS-343A and RS-170 video levels into doubly terminated 50
Ω or 75 Ω loads.
IOR
, IOG, IOB
Differential Red, Green & Blue Current Outputs (High Impedance Current Sources). These RGB video
outputs are specified to directly drive RS-343A and RS-170 video levels into doubly terminated 50
Ω or
75
Ω loads. If the complementary outputs are not required, then these outputs should be tied to GND.
RCOMP
Red Compensation pin. This pin should be bypassed to VAA with 0.01
µF capacitor.
GCOMP
Green Compensation pin. This pin should be bypassed to VAA with 0.01
µF capacitor.
BCOMP
Blue Compensation pin. This pin should be bypassed to VAA with 0.01
µF capacitor.
RRSET, RGSET, RBSET
DAC Output Full-Scale Adjust Control (Analog Input): A resistor from this pin to ground sets the current
in the DACs. The current in the DACs is set according to the equations:
IOUT = 12,950
× V
REF/RSET (SYNC not encoded on the DAC Output)
IOUT = 18,137 × VREF/RSET (SYNC encoded on the DAC Output)
To generate RS 343-A video levels on the DAC outputs, a resistor value of 280
Ω is recommended for
doubly terminated 50
Ω lines. Any combination of R
SET value, DAC termination resistor and programming
of SYNC and pedestal are possible provided that the maximum DAC current and the DAC output compli-
ance specifications are adhered to.
For example, in a doubly terminated 50
Ω system with no SYNC or pedestal encoded on the DAC outputs,
an RSET value of 280
Ω gives a DAC full-scale output of 52.8 mA, i.e., a white-to-black value of 1.4 V.
This example would give a 6 dB reduction in noise and feedthrough on the DAC outputs (compared to a
0.7 V full-scale value), but may require a 0.5X splitter at the monitor.
RBIAS
Red Bias node. This node should be decoupled to VAA with a 0.01
µF capacitor.
GBIAS
Green Bias node. This node should be decoupled to VAA with a 0.01
µF capacitor.
BBIAS
Blue Bias node. This node should be decoupled to VAA with a 0.01
µF capacitor.
SENSE/SYNCOUT
Comparator Sense Output (TTL Compatible Output). This output will be logic “1” if one or more of the
analog outputs exceeds the internal voltage of the SENSE comparator circuit. It can be used to determine
the absence of a CRT monitor. The value of the SENSE Output corresponds to the current pixel at the out-
puts. The output can drive one CMOS load. This pin can alternately be programmed to be a TTL sync
output which is a delayed version of CSYNC.
VREF
Voltage Reference (Analog Input/Output): This should always have a 0.1
µF decoupling capacitor attached
between VREF and VAA. If nothing else is connected then the DACs are driven by the internal voltage refer-
ence. If it is required to use a more accurate reference, then this pin acts as an overdrive input. An external
1.235 V voltage reference such as the AD1580 or equivalent is recommended to drive this input. (Note: It is
not recommended to use a resistor network to generate the voltage reference.)
VAA
Power Supply (+5 V
± 5%). The part contains multiple power supply pins, all should be connected together
to one common +5 V filtered analog power supply.
GND
Analog Ground. The part contains multiple ground pins, all should be connected together to the system’s
ground plane.


Similar Part No. - ADV7129_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7129KS AD-ADV7129KS Datasheet
389Kb / 20P
   192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
More results

Similar Description - ADV7129_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7129 AD-ADV7129 Datasheet
389Kb / 20P
   192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
logo
Cirrus Logic
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com