Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7162 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7162
Description  96-Bit, 220 MHz True-Color Video RAM-DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7162 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7162_15 Datasheet HTML 7Page - Analog Devices ADV7162_15 Datasheet HTML 8Page - Analog Devices ADV7162_15 Datasheet HTML 9Page - Analog Devices ADV7162_15 Datasheet HTML 10Page - Analog Devices ADV7162_15 Datasheet HTML 11Page - Analog Devices ADV7162_15 Datasheet HTML 12Page - Analog Devices ADV7162_15 Datasheet HTML 13Page - Analog Devices ADV7162_15 Datasheet HTML 14Page - Analog Devices ADV7162_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ADV7160/ADV7162
REV. 0
–11–
VALID
CONTROL DATA
t27
t28
t26
t25
R/W = 1
R/W = 0
R/W, C0, C1
CE
D0–D9
(READ MODE)
D0–D9
(WRITE MODE)
t21
t24
t23
t22
t20
t19
Figure 14. Microprocessor Port (MPU) Interface Timing
ABSOLUTE MAXIMUM RATINGS
1
VAA to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Voltage on Any Digital Pin . . . . . GND – 0.5 V to VAA + 0.5 V
Ambient Operating Temperature (TA) . . . . . . . . 0°C to +70°C
Storage Temperature (TS) . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +260
°C
Vapor Phase Soldering (1 minute) . . . . . . . . . . . . . . . . +220
°C
Analog Outputs to GND
2
. . . . . . . . . . . . GND – 0.5 V to VAA
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Analog Output Short Circuit to any Power Supply or Common can be of an
indefinite duration.
160-Lead QFP Configuration
PIN NO. 1
IDENTIFIER
ROW A
ROW C
80
41
121
160
120
81
1
40
ADV7160/ADV7162
QFP
TOP VIEW
(NOT TO SCALE)
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADV7160/ADV7162 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING INFORMATION
1, 2, 3
Dot Clock Speed
220 MHz
170 MHz
140 MHz
ADV7160KS220
3
ADV7160KS170
3
ADV7160KS140
3
ADV7162KS220
4
ADV7162KS170
4
ADV7162KS140
4
NOTES
1All devices are specified for 0
°C to +70°C operation.
2Contact Sales Office for latest information on package design.
3ADV7160 is packaged in a 160-pin plastic power quad flatpack, QFP with
heatsink embedded.
4ADV7162 is packaged in a standard 160-pin plastic quad flatpack, QFP.


Similar Part No. - ADV7162_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7162KS140 AD-ADV7162KS140 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162KS170 AD-ADV7162KS170 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162KS220 AD-ADV7162KS220 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
More results

Similar Description - ADV7162_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7129 AD-ADV7129_15 Datasheet
392Kb / 20P
   192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com