Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7181
Description  Multiformat SDTV Video Decoder
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7181_15 Datasheet HTML 7Page - Analog Devices ADV7181_15 Datasheet HTML 8Page - Analog Devices ADV7181_15 Datasheet HTML 9Page - Analog Devices ADV7181_15 Datasheet HTML 10Page - Analog Devices ADV7181_15 Datasheet HTML 11Page - Analog Devices ADV7181_15 Datasheet HTML 12Page - Analog Devices ADV7181_15 Datasheet HTML 13Page - Analog Devices ADV7181_15 Datasheet HTML 14Page - Analog Devices ADV7181_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
ADV7181
Rev. B | Page 11 of 104
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC
1
HS
2
DGND
3
DVDDIO
4
P11
5
P10
6
P9
7
P8
8
SFL
9
DGND 10
DVDDIO 11
NC 12
NC 13
P7 14
P6 15
P5 16
AIN5
48
AIN4
47
AIN3
46
AGND
45
CAPC2
44
AGND
43
CML
42
REFOUT
41
AVDD
40
CAPY2
39
CAPY1
38
AGND
37
AIN2
36
AIN1
35
DGND
34
NC
33
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
ADV7181
TOP VIEW
(Not to Scale)
NC = NO CONNECT
PIN 1
INDICATOR
Figure 4. 64-Lead LFCSP/LQFP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type
Function
3, 10, 24, 34, 57
DGND
G
Digital Ground.
32, 37, 43, 45
AGND
G
Analog Ground.
4, 11
DVDDIO
P
Digital I/O Supply Voltage (3.3 V).
23, 58
DVDD
P
Digital Core Supply Voltage (1.8 V).
40
AVDD
P
Analog Supply Voltage (3.3 V).
31
PVDD
P
PLL Supply Voltage (1.8 V).
35, 36, 46–49
AIN1–AIN6
I
Analog Video Input Channels.
1, 12, 13, 27, 28, 33,
50, 55, 56
NC
No Connect Pins.
26, 25, 19, 18, 17,
16, 15, 14, 8, 7, 6, 5,
62, 61, 60, 59
P0–P15
O
Video Pixel Output Port.
2
HS
O
Horizontal Synchronization Output Signal.
64
VS
O
Vertical Synchronization Output Signal.
63
FIELD
O
Field Synchronization Output Signal.
53
SDA
I/O
I2C Port Serial Data Input/Output Pin.
54
SCLK
I
I2C Port Serial Clock Input (Max Clock Rate of 400 kHz).
52
ALSB
I
This pin selects the I2C address for the ADV7181. ALSB set to a Logic 0 sets the address for a
write as 0x40; for ALSB set to a logic high, the address selected is 0x42.
51
RESET
I
System Reset Input, Active Low. A minimum low reset pulse width of 5 ms is required to
reset the ADV7181 circuitry.
20
LLC
O
This is a line-locked output clock for the pixel data output by the ADV7181. Nominally
27 MHz, but varies up or down according to video line length.
22
XTAL
I
This is the input pin for the 27 MHz crystal, or can be overdriven by an external 3.3 V,
27 MHz clock oscillator source. In crystal mode, the crystal must be a fundamental crystal.


Similar Part No. - ADV7181_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181B AD-ADV7181B Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BBCPZ AD-ADV7181BBCPZ Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BBSTZ AD-ADV7181BBSTZ Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BCP AD-ADV7181BCP Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BST AD-ADV7181BST Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
More results

Similar Description - ADV7181_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7189 AD-ADV7189 Datasheet
890Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com